Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S3D08065GTR Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # S3D08065GTR
Description  650V SIC POWER SCHOTTKY RECTIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

S3D08065GTR Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  S3D08065GTR Datasheet HTML 1Page - SMC Diode Solutions Co. LTD S3D08065GTR Datasheet HTML 2Page - SMC Diode Solutions Co. LTD S3D08065GTR Datasheet HTML 3Page - SMC Diode Solutions Co. LTD S3D08065GTR Datasheet HTML 4Page - SMC Diode Solutions Co. LTD S3D08065GTR Datasheet HTML 5Page - SMC Diode Solutions Co. LTD S3D08065GTR Datasheet HTML 6Page - SMC Diode Solutions Co. LTD S3D08065GTR Datasheet HTML 7Page - SMC Diode Solutions Co. LTD S3D08065GTR Datasheet HTML 8Page - SMC Diode Solutions Co. LTD S3D08065GTR Datasheet HTML 9Page - SMC Diode Solutions Co. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Technical Data
Data Sheet N2425, REV. D
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
S3D08065A
S3D08065E
S3D08065G
S3D08065F
S3D08065I
S3D08065A S3D08065E S3D08065G S3D08065F S3D08065I
650V SIC POWER SCHOTTKY RECTIFIERS
Description
Features
Applications
S3D08065A
S3D08065E
S3D08065G
S3D08065F
S3D08065I
TO-220AC
(TO-220-2)
DPAK
(TO-252-2)
D2PAK
(TO-263-2)
ITO-220AC
(TO-220-F2)
TO-220-Isolation
Alternative energy inverters
Power Factor Correction (PFC)
Free-Wheeling diodes
Switching supply output rectification
Reverse polarity protection
This 650V 8A diode is high voltage Schottky rectifier
that has very low total conduction losses and very
stable switching characteristics over temperature
extremes. The
S3D08065A/S3D08065E/S3D08065G/S3D08065F are
ideal for energy sensitive, high frequency applications
in challenging environments.
175°C TJ operation
Ultra-low switching loss
Switching speeds independent of operating temperature
Low total conduction losses
High forward surge current capability
High package isolation voltage
Terminals finish: 100% Pure Tin
“-A” is an AEC-Q101 qualified device
Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional electrical and life testing can be performed
upon request


Similar Part No. - S3D08065GTR

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
S3D08065L SMCDIODE-S3D08065L Datasheet
1Mb / 7P
650V SIC POWER SCHOTTKY RECTIFIER
REV.-
S3D08065LTR SMCDIODE-S3D08065LTR Datasheet
1Mb / 7P
650V SIC POWER SCHOTTKY RECTIFIER
REV.-
S3D08065M SMCDIODE-S3D08065M Datasheet
1Mb / 6P
650V SIC POWER SCHOTTKY RECTIFIER
REV.-
S3D08065MTR SMCDIODE-S3D08065MTR Datasheet
1Mb / 6P
650V SIC POWER SCHOTTKY RECTIFIER
REV.-
More results

Similar Description - S3D08065GTR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW20G65C5B INFINEON-IDW20G65C5B_15 Datasheet
742Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW24G65C5B INFINEON-IDW24G65C5B_15 Datasheet
732Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW32G65C5B INFINEON-IDW32G65C5B_15 Datasheet
735Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW40G65C5B INFINEON-IDW40G65C5B_15 Datasheet
707Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
logo
UnitedSiC.
UJ3D06516TS UNITEDSIC-UJ3D06516TS Datasheet
966Kb / 5P
16A - 650V SiC Schottky Diode
Rev. B, January 2018
UJ3D06520KSD UNITEDSIC-UJ3D06520KSD Datasheet
558Kb / 5P
20A - 650V SiC Schottky Diode
Rev. B, April 2018
UJD06506TS UNITEDSIC-UJD06506TS Datasheet
514Kb / 4P
6A - 650V SiC Schottky Diode
Rev. B, November 2016
logo
Infineon Technologies A...
IDDD12G65C6 INFINEON-IDDD12G65C6 Datasheet
651Kb / 9P
650V SiC Schottky Diode
Rev. 2.0, 2018-02-06
logo
Silicon Supplies
SIS650S20AS SS-SIS650S20AS Datasheet
989Kb / 3P
650V 20A SiC Schottky Diode
Rev 1.0 30/10/23
SIS650S30AS SS-SIS650S30AS Datasheet
1Mb / 3P
650V 30A SiC Schottky Diode
Rev 1.0 30/10/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com