Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29F800DB55M1F Datasheet(PDF) 17 Page - STMicroelectronics

Part # M29F800DB55M1F
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F800DB55M1F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M29F800DB55M1F Datasheet HTML 13Page - STMicroelectronics M29F800DB55M1F Datasheet HTML 14Page - STMicroelectronics M29F800DB55M1F Datasheet HTML 15Page - STMicroelectronics M29F800DB55M1F Datasheet HTML 16Page - STMicroelectronics M29F800DB55M1F Datasheet HTML 17Page - STMicroelectronics M29F800DB55M1F Datasheet HTML 18Page - STMicroelectronics M29F800DB55M1F Datasheet HTML 19Page - STMicroelectronics M29F800DB55M1F Datasheet HTML 20Page - STMicroelectronics M29F800DB55M1F Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
M29F800DT
Command Interface
17/53
4.0.3
Program command
The Program command can be used to program a value to one address in the memory array
at a time. The command requires four Bus Write operations, the final write operation latches
the address and data in the internal state machine and starts the Program/Erase Controller.
If the address falls in a protected block then the Program command is ignored, the data
remains unchanged. The Status Register is never read and no error condition is given.
During the program operation the memory will ignore all commands. It is not possible to
issue any command to abort or pause the operation. Typical program times are given in
Table 6: Program, Erase times and Program, Erase Endurance cycles. Bus Read operations
during the program operation will output the Status Register on the Data Inputs/Outputs.
See Section 5: Status Register, for more details.
After the program operation has completed the memory will return to the Read mode, unless
an error has occurred. When an error occurs the memory will continue to output the Status
Register. A Read/Reset command must be issued to reset the error condition and return to
Read mode.
Note that the Program command cannot change a bit set at ’0’ back to ’1’. One of the Erase
Commands must be used to set all the bits in a block or in the whole memory from ’0’ to ’1’.
4.0.4
Unlock Bypass command
The Unlock Bypass command is used in conjunction with the Unlock Bypass Program
command to program the memory. When the access time to the device is long (as with
some EPROM programmers) considerable time saving can be made by using these
commands. Three Bus Write operations are required to issue the Unlock Bypass command.
Once the Unlock Bypass command has been issued the memory will only accept the Unlock
Bypass Program command and the Unlock Bypass Reset command. The memory can be
read as if in Read mode.
4.0.5
Unlock Bypass Program command
The Unlock Bypass Program command can be used to program one address in memory at
a time. The command requires two Bus Write operations, the final write operation latches
the address and data in the internal state machine and starts the Program/Erase Controller.
The Program operation using the Unlock Bypass Program command behaves identically to
the Program operation using the Program command. A protected block cannot be
programmed; the operation cannot be aborted and the Status Register is read. Errors must
be reset using the Read/Reset command, which leaves the device in Unlock Bypass Mode.
See the Program command for details on the behavior.
4.0.6
Unlock Bypass Reset command
The Unlock Bypass Reset command can be used to return to Read/Reset mode from
Unlock Bypass Mode. Two Bus Write operations are required to issue the Unlock Bypass
Reset command. Read/Reset command does not exit from Unlock Bypass Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com