Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29F800DB55N1F Datasheet(PDF) 15 Page - STMicroelectronics

Part # M29F800DB55N1F
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F800DB55N1F Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M29F800DB55N1F Datasheet HTML 11Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 12Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 13Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 14Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 15Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 16Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 17Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 18Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
M29F800DT
Bus operations
15/53
3.0.6
Special bus operations
Additional bus operations can be performed to read the Electronic Signature and also to apply and
remove Block Protection. These bus operations are intended for use by programming equipment and are
not usually used in applications. They require VID to be applied to some pins.
3.0.7
Electronic Signature
The memory has two codes, the manufacturer code and the device code, that can be read to identify the
memory. These codes can be read by applying the signals listed in Table 2: Bus operations, BYTE = VIL,
and Table 3: Bus operations, BYTE = VIH.
3.0.8
Block Protection and Blocks Unprotection
Each block can be separately protected against accidental Program or Erase. Protected blocks can be
unprotected to allow data to be changed.
There are two methods available for protecting and unprotecting the blocks, one for use on programming
equipment and the other for in-system use. Block Protect and Chip Unprotect operations are described in
Appendix C.
Table 2.
Bus operations, BYTE = VIL
(1)
Operation
E
G
W
Address Inputs
DQ15A–1, A0-A18
Data Inputs/Outputs
DQ14-DQ8
DQ7-DQ0
Bus Read
VIL
VIL
VIH
Cell address
Hi-Z
Data Output
Bus Write
VIL
VIH
VIL
Command address
Hi-Z
Data Input
Output Disable
X
VIH
VIH
X
Hi-Z
Hi-Z
Standby
VIH
X
X
X
Hi-Z
Hi-Z
Read Manufacturer Code
VIL
VIL
VIH
A0 = VIL, A1 = VIL, A9 = VID,
Others VIL or VIH
Hi-Z
20h
Read Device Code
VIL
VIL
VIH
A0 = VIH, A1 = VIL, A9 = VID,
Others VIL or VIH
Hi-Z
ECh (M29F800DT)
58h (M29F800DB)
1.
X = VIL or VIH.
Table 3.
Bus operations, BYTE = VIH
(1)
Operation
E
G
W
Address Inputs
A0-A18
Data Inputs/Outputs
DQ15A–1, DQ14-DQ0
Bus Read
VIL
VIL
VIH
Cell address
Data Output
Bus Write
VIL
VIH
VIL
Command address
Data Input
Output Disable
X
VIH
VIH
XHi-Z
Standby
VIH
XX
X
Hi-Z
Read Manufacturer Code
VIL
VIL
VIH
A0 = VIL, A1 = VIL, A9 = VID,
Others VIL or VIH
0020h
Read Device Code
VIL
VIL
VIH
A0 = VIH, A1 = VIL, A9 = VID,
Others VIL or VIH
22ECh (M29F800DT)
2258h (M29F800DB)
1.
X = VIL or VIH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com