Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS42435-CMZ Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS42435-CMZ
Description  108 dB, 192 kHz 4-In, 8-Out TDM CODEC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42435-CMZ Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS42435-CMZ Datasheet HTML 21Page - Cirrus Logic CS42435-CMZ Datasheet HTML 22Page - Cirrus Logic CS42435-CMZ Datasheet HTML 23Page - Cirrus Logic CS42435-CMZ Datasheet HTML 24Page - Cirrus Logic CS42435-CMZ Datasheet HTML 25Page - Cirrus Logic CS42435-CMZ Datasheet HTML 26Page - Cirrus Logic CS42435-CMZ Datasheet HTML 27Page - Cirrus Logic CS42435-CMZ Datasheet HTML 28Page - Cirrus Logic CS42435-CMZ Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
DS685F1
25
CS42435
POWER CONSUMPTION See (Note 24).
24. Unless otherwise noted, test conditions are as follows: All zeros input, slave mode, sample rate =
48 kHz; No load. Digital (VD) and logic (VLS) supply current will vary depending on speed mode and
master/slave operation.
25. RESET pin 25 held HI, all clocks and data lines are held HI.
26. VLS current will slightly increase in master mode.
Power Ctl. Register
Typical Current (mA)
Operation
02h
V
iVA
iVD
VD=3.3V
iVLS+VLC
VLS=3.3V
VLC=3.3V
(Note 26)
Total
Power
(mWrms)
1
Standby (Note 25)
xxxx
xxx1
3.3
1.00
0.04
0.00
3.43
5.0
1.63
8.28
2
Multi-Channel Input (ONLY)
2-In 1 1 0 1 1110
3.3
21.27
44.60
0.05
217.56
5.0
25.69
275.80
4-In 1001 1110
3.3
36.16
46.50
0.05
272.94
5.0
41.62
361.72
6-In 0001 1110
3.3
53.34
48.00
0.06
334.62
5.0
59.97
458.45
3
Multi-Channel Output
2-Out 1 1 1 1 1100
3.3
13.85
46.50
0.05
199.32
5.0
18.44
245.82
4-Out 1 111 1000
3.3
21.86
46.70
0.05
226.41
5.0
27.50
291.78
6-Out 1 111 0000
3.3
29.89
46.70
0.05
252.91
5.0
36.58
337.18
8-Out 1 110 0000
3.3
37.85
46.70
0.05
279.18
5.0
45.64
382.48
4
Multi-Channel Input/Output
2-In, 2-Out 1101 1100
3.3
29.54
48.20
0.05
256.71
5.0
35.20
335.23
4-In, 4-Out 1 001 1000
3.3
52.13
50.00
0.06
337.23
5.0
60.18
466.10
2-In, 8-Out 1 100 0000
3.3
53.52
43.30
0.05
319.67
5.0
62.30
454.56
6-In, 2-Out 0 001 1100
3.3
61.64
50.00
0.06
368.61
5.0
69.45
512.45
6-In, 8-Out 0 000 0000
3.3
85.59
50.00
0.06
447.65
5.0
96.60
648.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com