Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S4D30120H Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # S4D30120H
Description  1200V SIC POWER SCHOTTKY RECTIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

S4D30120H Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  S4D30120H Datasheet HTML 1Page - SMC Diode Solutions Co. LTD S4D30120H Datasheet HTML 2Page - SMC Diode Solutions Co. LTD S4D30120H Datasheet HTML 3Page - SMC Diode Solutions Co. LTD S4D30120H Datasheet HTML 4Page - SMC Diode Solutions Co. LTD S4D30120H Datasheet HTML 5Page - SMC Diode Solutions Co. LTD S4D30120H Datasheet HTML 6Page - SMC Diode Solutions Co. LTD S4D30120H Datasheet HTML 7Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical Data
Data Sheet N2417, REV.E
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
S4D30120H
S4D30120G
* Pulse width < 300 µs, duty cycle < 2%
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging
specification.
Electrical Characteristics:
Characteristics
Symbol
Condition
Typ.
Max.
Units
Forward Voltage Drop*
VF1
@ 30A, Pulse, TJ = 25 C
1.5
1.8
V
VF2
@ 30A, Pulse, TJ = 175 C
2.2
3.0
V
Reverse Current*
IR1
@VR = rated VR
,
TJ = 25 C
1
20
uA
IR2
@VR = rated VR
,
TJ = 175 C
5
200
uA
Junction Capacitance
CT
VR=1V, f=1MHz, Tj=25℃,
2581
-
pF
Reverse Recovery Charge
Qc
VR = 800 V, TJ =25°C
152
-
nC
Capacitance Stored Energy
EC
VR = 800 V, TJ =25°C
44
-
μJ
Thermal-Mechanical Specifications:
Characteristics
Symbol
Condition
S4D30120H
S4D30120G
Units
Junction Temperature
TJ
-
-55 to +175
C
Storage Temperature
Tstg
-
-55 to +175
C
Typical Thermal Resistance
Junction to Case
RθJC
DC operation,Tj=25℃
0.34
0.34
C/W
Electrostatic Discharge (ESD) Classifications:
Parameter
Symbol
Value
Human Body Model
HBM
Class 3B (≥ 8000 V)
Charge Device Model
CDM
Class C3 (≥ 1000 V)
Ordering Information
Device
Package
Shipping
S4D30120H
TO-247AC(TO-247-2)
25pcs / tube
S4D30120G
D2PAK(TO-263-2))
800pcs / Reel



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com