Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC17511AEV/EL Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC17511AEV/EL
Description  1.0 A 6.8 V H-Bridge Motor Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17511AEV/EL Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC17511AEV/EL Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17511AEV/EL Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17511AEV/EL Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17511AEV/EL Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC17511AEV/EL Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC17511AEV/EL Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC17511AEV/EL Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC17511AEV/EL Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC17511AEV/EL Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
17511A
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
GOUT
The GOUT output pin provides a level-shifted, high-side
gate drive signal to an external MOSFET with CISS up to
500 pF.
VDD
The VDD pin carries the 5.0 V supply voltage and current
into the logic sections of the IC. VDD has an undervoltage
threshold. If the supply voltage drops below the undervoltage
threshold, the output power stage switches to a tri-state
condition. When the supply voltage returns to a level that is
above the threshold, the power stage automatically resumes
normal operation according to the established condition of
the input pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com