Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M27C512_077 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M27C512_077
Description  512 Kbit (64K x8) UV EPROM and OTP EPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C512_077 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M27C512_077 Datasheet HTML 12Page - STMicroelectronics M27C512_077 Datasheet HTML 13Page - STMicroelectronics M27C512_077 Datasheet HTML 14Page - STMicroelectronics M27C512_077 Datasheet HTML 15Page - STMicroelectronics M27C512_077 Datasheet HTML 16Page - STMicroelectronics M27C512_077 Datasheet HTML 17Page - STMicroelectronics M27C512_077 Datasheet HTML 18Page - STMicroelectronics M27C512_077 Datasheet HTML 19Page - STMicroelectronics M27C512_077 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
DC and AC parameters
M27C512
16/22
Figure 9.
Programming and Verify modes AC waveforms
Table 13.
Programming mode AC characteristics
Symbol
Alt
Parameter
Test
Condition(1)(2)
Min
Max
Unit
tAVEL
tAS
Address Valid to Chip Enable Low
2
µs
tQVEL
tDS
Input Valid to Chip Enable Low
2
µs
tVCHEL
tVCS
VCC High to Chip Enable Low
2
µs
tVPHEL
tOES
VPP High to Chip Enable Low
2
µs
tVPLVPH
tPRT
VPP Rise Time
50
ns
tELEH
tPW
Chip Enable Program Pulse Width
(Initial)
95
105
µs
tEHQX
tDH
Chip Enable High to Input Transition
2
µs
tEHVPX
tOEH
Chip Enable High to VPP Transition
2
µs
tVPLEL
tVR
VPP Low to Chip Enable Low
2
µs
tELQV
tDV
Chip Enable Low to Output Valid
1
µs
tEHQZ
(3)
tDFP
Chip Enable High to Output Hi-Z
0
130
ns
tEHAX
tAH
Chip Enable High to Address Transition
0
ns
1.
TA = 25 °C; VCC = 6.25V ± 0.25V; VPP = 12.75V ± 0.25V
2.
VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
3.
Sampled only, not 100% tested.
AI00737
tVPLEL
PROGRAM
DATA IN
A0-A15
E
GVPP
Q0-Q7
DATA OUT
tAVEL
tQVEL
tVCHEL
tVPHEL
tEHQX
tEHVPX
tELEH
tELQV
tEHAX
tEHQZ
VERIFY
VALID
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com