Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC101161DT Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # SC101161DT
Description  Device User Guide
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC101161DT Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button SC101161DT Datasheet HTML 57Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 58Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 59Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 60Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 61Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 62Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 63Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 64Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 142 page
background image
Device User Guide — 9S12DT128DGV2/D V02.15
61
Freescale Semiconductor
Table 2-1 Signal Properties
Pin Name
Function 1
Pin Name
Function 2
Pin Name
Function 3
Pin Name
Function 4
Pin Name
Function 5
Powered
by
Internal Pull
Resistor
Description
CTRL
Reset
State
EXTAL
—
—
—
—
VDDPLL
NA
NA
Oscillator Pins
XTAL
—
—
—
—
VDDPLL
NA
NA
RESET
—
—
—
—
VDDR
None
None
External Reset
TEST
—
—
—
—
N.A.
None
None
Test Input
VREGEN
—
—
—
—
VDDX
NA
NA
Voltage Regulator
Enable Input
XFC
—
—
—
—
VDDPLL
NA
NA
PLL Loop Filter
BKGD
TAGHI
MODC
—
—
VDDR
Always
Up
Up
Background Debug,
Tag High, Mode Input
PAD[15]
AN1[7]
ETRIG1
—
—
VDDA
None
None
Port AD Input,
Analog Inputs,
External Trigger
Input (ATD1)
PAD[14:8]
AN1[6:0]
—
—
—
VDDA
None
None
Port AD Input,
Analog Inputs
(ATD1)
PAD[7]
AN0[7]
ETRIG0
—
—
VDDA
None
None
Port AD Input, Analog
Inputs, External
Trigger Input (ATD0)
PAD[6:0]
AN0[6:0]
—
—
—
VDDA
None
None
Port AD Input, Analog
Inputs (ATD0)
PA[7:0]
ADDR[15:8]/
DATA[15:8]
—
—
—
VDDR
PUCR/
PUPAE
Disabled
Port A I/O,
Multiplexed
Address/Data
PB[7:0]
ADDR[7:0]/
DATA[7:0]
—
—
—
VDDR
PUCR/
PUPBE
Disabled
Port B I/O,
Multiplexed
Address/Data
PE7
NOACC
XCLKS
—
—
VDDR
PUCR/
PUPEE
Mode
depen-
dant1
Port E I/O, Access,
Clock Select
PE6
IPIPE1
MODB
—
—
VDDR
While RESET pin
low:
Down
Port E I/O, Pipe
Status, Mode Input
PE5
IPIPE0
MODA
—
—
VDDR
Port E I/O, Pipe
Status, Mode Input
PE4
ECLK
—
—
—
VDDR
PUCR/
PUPEE
Mode
depen-
dant1
Port E I/O, Bus Clock
Output
PE3
LSTRB
TAGLO
—
—
VDDR
Port E I/O, Byte
Strobe, Tag Low
PE2
R/W
—
—
—
VDDR
Port E I/O, R/W in
expanded modes
PE1
IRQ
—
—
—
VDDR
Up
Port E Input,
Maskable Interrupt
PE0
XIRQ
—
—
—
VDDR
Port E Input, Non
Maskable Interrupt
PH7
KWH7
---
—
—
VDDR
PERH/
PPSH
Disabled Port H I/O, Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com