Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56362UM Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # DSP56362UM
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362UM Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button DSP56362UM Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56362UM Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56362UM Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56362UM Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56362UM Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56362UM Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56362UM Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56362UM Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56362UM Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 152 page
background image
Serial Host Interface
DSP56362 Technical Data, Rev. 4
Freescale Semiconductor
2-15
MOSI
HA0
Input or Output
Input
Tri-Stated
SPI Master-Out-Slave-In—When the SPI is configured as a master,
MOSI is the master data output line. The MOSI signal is used in
conjunction with the MISO signal for transmitting and receiving serial
data. MOSI is the slave data input line when the SPI is configured as
a slave. This signal is a Schmitt-trigger input when configured for the
SPI Slave mode.
I2C Slave Address 0—This signal uses a Schmitt-trigger input when
configured for the I2C mode. When configured for I2C slave mode, the
HA0 signal is used to form the slave device address. HA0 is ignored
when configured for the I2C master mode.
This signal is tri-stated during hardware, software, and individual
reset. Thus, there is no need for an external pull-up in this state.
This input is 5 V tolerant.
SS
HA2
Input
Input
Tri-Stated
SPI Slave Select—This signal is an active low Schmitt-trigger input
when configured for the SPI mode. When configured for the SPI Slave
mode, this signal is used to enable the SPI slave for transfer. When
configured for the SPI master mode, this signal should be kept
deasserted (pulled high). If it is asserted while configured as SPI
master, a bus error condition is flagged. If SS is deasserted, the SHI
ignores SCK clocks and keeps the MISO output signal in the
high-impedance state.
I2C Slave Address 2—This signal uses a Schmitt-trigger input when
configured for the I2C mode. When configured for the I2C Slave mode,
the HA2 signal is used to form the slave device address. HA2 is
ignored in the I2C master mode.
This signal is tri-stated during hardware, software, and individual
reset. Thus, there is no need for an external pull-up in this state.
This input is 5 V tolerant.
HREQ
Input or Output
Tri-Stated
Host Request—This signal is an active low Schmitt-trigger input when
configured for the master mode but an active low output when
configured for the slave mode.
When configured for the slave mode, HREQ is asserted to indicate
that the SHI is ready for the next data word transfer and deasserted at
the first clock pulse of the new data word transfer. When configured for
the master mode, HREQ is an input. When asserted by the external
slave device, it will trigger the start of the data word transfer by the
master. After finishing the data word transfer, the master will await the
next assertion of HREQ to proceed to the next transfer.
This signal is tri-stated during hardware, software, personal reset, or
when the HREQ1–HREQ0 bits in the HCSR are cleared. There is no
need for external pull-up in this state.
This input is 5 V tolerant.
Table 2-10 Serial Host Interface Signals (continued)
Signal Name
Signal Type
State during
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com