Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M93C76-RMN7TG Datasheet(PDF) 21 Page - STMicroelectronics

Part # M93C76-RMN7TG
Description  16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C76-RMN7TG Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M93C76-RMN7TG Datasheet HTML 17Page - STMicroelectronics M93C76-RMN7TG Datasheet HTML 18Page - STMicroelectronics M93C76-RMN7TG Datasheet HTML 19Page - STMicroelectronics M93C76-RMN7TG Datasheet HTML 20Page - STMicroelectronics M93C76-RMN7TG Datasheet HTML 21Page - STMicroelectronics M93C76-RMN7TG Datasheet HTML 22Page - STMicroelectronics M93C76-RMN7TG Datasheet HTML 23Page - STMicroelectronics M93C76-RMN7TG Datasheet HTML 24Page - STMicroelectronics M93C76-RMN7TG Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
21/31
M93C86, M93C76, M93C66, M93C56, M93C46
Table 22. AC Characteristics (M93Cx6-W, Device Grade 7 or 3)
Note: 1. tCHCL + tCLCH ≥ 1 / fC.
2. Chip Select Input (S) must be brought Low for a minimum of tSLSH between consecutive instruction cycles.
Test conditions specified in Table 13. and Table 10.
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSK
Clock Frequency
D.C.
2
MHz
tSLCH
Chip Select Low to Clock High
50
ns
tSHCH
tCSS
Chip Select Set-up Time
50
ns
tSLSH
(2)
tCS
Chip Select Low to Chip Select High
200
ns
tCHCL
(1)
tSKH
Clock High Time
200
ns
tCLCH
(1)
tSKL
Clock Low Time
200
ns
tDVCH
tDIS
Data In Set-up Time
50
ns
tCHDX
tDIH
Data In Hold Time
50
ns
tCLSH
tSKS
Clock Set-up Time (relative to S)
50
ns
tCLSL
tCSH
Chip Select Hold Time
0
ns
tSHQV
tSV
Chip Select to Ready/Busy Status
200
ns
tSLQZ
tDF
Chip Select Low to Output Hi-Z
100
ns
tCHQL
tPD0
Delay to Output Low
200
ns
tCHQV
tPD1
Delay to Output Valid
200
ns
tW
tWP
Erase/Write Cycle time
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com