Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56852 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # DSP56852
Description  16-bit Digital Signal Controllers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56852 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button DSP56852 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
56852 Technical Data, Rev. 8
6
Freescale Semiconductor
1.4 Product Documentation
The four documents listed in Table 1-1 are required for a complete description of and proper design with
the 56852. Documentation is available from local Freescale distributors, Freescale semiconductor sales
offices, Freescale Literature Distribution Centers, or online at www.freescale.com.
1.5 Data Sheet Conventions
This data sheet uses the following conventions:
Table 1-1 DSP56852 Chip Documentation
Topic
Description
Order Number
DSP56800E
Reference Manual
Detailed description of the 56800E architecture, 16-bit
controller core processor and the instruction set
DSP56800ERM
DSP56852
User’s Manual
Detailed description of memory, peripherals, and
interfaces of the 56852
DSP56852UM
DSP56852
Technical Data Sheet
Electrical and timing specifications, pin descriptions,
and package descriptions (this document)
DSP56852
DSP56852
Errata
Details any chip issues that might be present
DSP56852E
OVERBAR
This is used to indicate a signal that is active when pulled low. For example, the RESET pin is
active when low.
“asserted”
A high true (active high) signal is high or a low true (active low) signal is low.
“deasserted”
A high true (active high) signal is low or a low true (active low) signal is high.
Examples:
Signal/Symbol
Logic State
Signal State
Voltage1
1. Values for VIL, VOL, VIH, and VOH are defined by individual product specifications.
PIN
True
Asserted
VIL/VOL
PIN
False
Deasserted
VIH/VOH
PIN
True
Asserted
VIH/VOH
PIN
False
Deasserted
VIL/VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com