Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AAT3258ITS-3.0-R-T1 Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # AAT3258ITS-3.0-R-T1
Description  300mA LDO Linear Regulator with μP Reset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT3258ITS-3.0-R-T1 Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button AAT3258ITS-3.0-R-T1 Datasheet HTML 4Page - Skyworks Solutions Inc. AAT3258ITS-3.0-R-T1 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT3258ITS-3.0-R-T1 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT3258ITS-3.0-R-T1 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT3258ITS-3.0-R-T1 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT3258ITS-3.0-R-T1 Datasheet HTML 9Page - Skyworks Solutions Inc. AAT3258ITS-3.0-R-T1 Datasheet HTML 10Page - Skyworks Solutions Inc. AAT3258ITS-3.0-R-T1 Datasheet HTML 11Page - Skyworks Solutions Inc. AAT3258ITS-3.0-R-T1 Datasheet HTML 12Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AAT3258
DATA SHEET
300mA LDO Linear Regulator with µP Reset
8
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202261A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • August 10, 2012
Typical Characteristics
Unless otherwise noted, VIN = 5V, TA = 25°C.
Maximum Transient Duration
vs. Reset Threshold Overdrive
0
50
100
150
200
250
300
350
400
110
100
1000
Reset Threshold Overdrive,
VTH-VCC (mV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com