Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SF804 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # SF804
Description  SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SF804 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  SF804 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SF804 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes: 1. Thermal resistance from junction to case.
2. Test conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
RATINGS
SYMBOL
UNIT
Maximum repetitive reverse voltage
VRRM
300
500
600
V
Maximum RMS voltage
VRMS
210
350
420
V
Maximum DC blocking voltage
VDC
300
500
600
V
Maximum average forward current
IAV
A
8
Peak forward surge current,8.3ms single half
sine-wave superimposed on rated load
IFSM
125
A
Typical thermal resistance
per diode(Note 1)
Rθ-JC
°C/W
Operating junction temperature range
TJ
-55 to +150
°C
Storage temperature range
TSTG
-55 to +150
°C
Typical forward voltage per leg at 8A
VF
1.00
1.30
1.70
V
Maximum average reverse current
TJ=25°C
at rated DC blocking voltage
TJ=125°C
IR
5
μA
250
Typical reverse recovery time(Note 2)
TRR
35
nS
SF
803
SF
804
SF
805
SF
806
2.5
200
140
200
SF
802
400
280
400
800
560
800
SF
808
2.80
TO-220AC
10.0±0.2
1.3±0.2
0.8±0.2
Ø3.84
±0.15
5.08±0.2
1.27±0.10
4.5±0.2
2.5±0.2
0.38±0.10
PIN1
PIN3
PIN2
PIN 1
PIN 3
PIN 2 &
(case)
CURRENT: 8 .0A
VOLTAGE RANGE: 100 - 800V
Feaures
Mechanical Data
 Leads:
 Polarity:
 Mounting torque:
 Terminals:
 Weight:
as marked
Solderable per mil-std-202, Method 208
5 in-lbs maximum
Puretin plated
Circuit figure: Single positive
TO-220AC 1.80 grams
Maximum Ratings And Electrical Characteristics T
A = 25
°C
1 of 2
www.sunmate.tw
SUPER FAST RECTIFIERS
SF802 - SF808
 Glass passivated chip junctions
 High Forward Surge Capability
 Super fast recovery time for switching
mode application
 Lead free in compliance with EU RoHS
2011/65/EU directive
 Low Reverse Current


Similar Part No. - SF804

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SF804 PACELEADER-SF804 Datasheet
587Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
Yea Shin Technology Co....
SF804 YEASHIN-SF804 Datasheet
41Kb / 2P
VOLTAGE RANGE 50 to 600 Volts 8.0 Amperes
logo
Dongguan City Niuhang E...
SF804 NIUHANG-SF804 Datasheet
339Kb / 3P
SUPER FAST RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SF804A ASEMI-SF804A Datasheet
292Kb / 2P
8A super fast recovery diode
2018.11 Rev.3.1
logo
Multicomp Pro
SF804CT MULTICOMP-SF804CT Datasheet
317Kb / 3P
Super Fast Recovery Rectifier
24/09/19 V1.0
More results

Similar Description - SF804

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
SUPER FAST RECTIFIERS
SFF801 HY-SFF801 Datasheet
93Kb / 2P
SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com