Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

56857 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 56857
Description  16-bit Digital Signal Controllers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56857 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 56857 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56857 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56857 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56857 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56857 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56857 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56857 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56857 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56857 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
Introduction
56857 Technical Data, Rev. 6
Freescale Semiconductor
13
63
HA1
GPIOB9
Input
Input/Output
Host Address (HA1)—This input provides the address selection for HI
registers.
This pin is disconnected internally.
Port B GPIO (9)—This pin is a General Purpose I/O (GPIO) pin when not
configured for host port usage.
64
HA2
GPIOB10
Input
Input/Output
Host Address (HA2)—This input provides the address selection for HI
registers.
This pin is disconnected internally.
Port B GPIO (10)—This pin is a General Purpose I/O (GPIO) pin when
not configured for host port usage.
65
HRWB
HRD
GPIOB11
Input
Input
Input/Output
Host Read/Write (HRWB)—When the HI08 is programmed to interface
to a single-data-strobe host bus and the HI function is selected, this
signal is the Read/Write input.
These pins are disconnected internally.
Host Read Data (HRD)—This signal is the Read Data input when the
HI08 is programmed to interface to a double-data-strobe host bus and the
HI function is selected.
Port B GPIO (11) —This pin is a General Purpose I/O (GPIO) pin when
not configured for host port usage.
83
HDS
HWR
GPIOB12
Input
Input
Input/Output
Host Data Strobe (HDS)—When the HI08 is programmed to interface to
a single-data-strobe host bus and the HI function is selected, this input
enables a data transfer on the HI when HCS is asserted.
These pins are disconnected internally.
Host Write Enable (HWR)—This signal is the Write Data input when the
HI08 is programmed to interface to a double-data-strobe host bus and the
HI function is selected.
Port B GPIO (12)—This pin is a General Purpose I/O (GPIO) pin when
not configured for host port usage.
84
HCS
GPIOB13
Input
Input/Output
Host Chip Select (HCS)—This input is the chip select input for the Host
Interface.
These pins are disconnected internally.
Port B GPIO (13)—This pin is a General Purpose I/O (GPIO) pin when
not configured for host port usage.
Table 3-1 56857 Signal and Package Information for the 100-pin LQFP (Continued)
Pin No.
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com