Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC7813 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC7813
Description  100V VIN and VOUT Synchronous 4-Switch Multiphase Buck-Boost DC/DC Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 7Page - Analog Devices LTC7813 Datasheet HTML 8Page - Analog Devices LTC7813 Datasheet HTML 9Page - Analog Devices LTC7813 Datasheet HTML 10Page - Analog Devices LTC7813 Datasheet HTML 11Page - Analog Devices LTC7813 Datasheet HTML 12Page - Analog Devices LTC7813 Datasheet HTML 13Page - Analog Devices LTC7813 Datasheet HTML 14Page - Analog Devices LTC7813 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
Data Sheet
LT8210-1
analog.com
Rev. A
11 of 59
(Specifications are at TA = 25°C. VIN = 12V, VINP = 12V, VEN/UVLO = 3.3V, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Switching Frequency
Range
FRNG
RT
Set/Synchronized
-40°C ≤ TJ ≤ 125°C
80
400
kHz
Switching Frequency
FSW
RT = 110k
-40°C ≤ TJ ≤ 125°C
91
100
108
kHz
RT = 39.2k
-40°C ≤ TJ ≤ 125°C
190
200
210
RT = 16.9k
-40°C ≤ TJ ≤ 125°C
380
400
420
SYNC/SPRD Input Low
Level
VSYNC_LL
-40°C ≤ TJ ≤ 125°C
0.8
V
SYNC/SPRD Input High
Level
VSYNC_HL
-40°C ≤ TJ ≤ 125°C
1.17
V
Spread-Spectrum Max
Frequency (% of fSW)
VSYNC/SPRD= 3.3V
112.5
%
Spread-Spectrum Min
Frequency (% of fSW)
VSYNC/SPRD = 3.3V
100
%
Logic Inputs/Outputs
MODE1, 2 Input Low
Level
VLL_MODE1
VLL_MODE2
-40°C ≤ TJ ≤ 125°C
0.8
V
MODE1, 2 Input High
Level
VHL_MODE1
VHL_MODE2
-40°C ≤ TJ ≤ 125°C
1.17
V
MODE1, 2 Leakage
Current
IL_MODE1,2
VMODE1,2 = 6 V
0.01
1
μA
PWGD Output Low
Voltage
VPWGD_LV
IPWGD = 1mA
-40°C ≤ TJ ≤ 125°C
0.07
0.2
V
PWGD Trip Level
VFB1 Falling
-40°C ≤ TJ ≤ 125°C
–13
–10
–8
%
VFB2 Rising
-40°C ≤ TJ ≤ 125°C
7.5
10
12
%
PWGD Anti-Glitch
Delay
VPWGDRising or
Falling
-40°C ≤ TJ ≤ 125°C
2
10
20
µs
PWGD Leakage
Current
ILEAK_PWGD
VPWGD = 40V
0.01
1
μA
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com