Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS5600AMMA0ES Datasheet(PDF) 62 Page - NXP Semiconductors

Part # MFS5600AMMA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA0ES Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button MFS5600AMMA0ES Datasheet HTML 58Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 59Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 60Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 61Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 62Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 63Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 64Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 65Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
17.13.7 Deep fail-safe state
In the deep fail-safe state, the FS5600 is shut down. All the regulators are turned off and signal outputs are
asserted low. The only way to exit deep fail-safe state is through a power cycle on the VIN input, or if both EN1
and EN2 are pulled low in the application.
Deep fail-safe can be entered when the fault error counter reaches is maximum value, or when a watchdog
failure is programmed to go to deep fail-safe. OTP_DFS_EN must be set to 1 to enable transition to the deep
fail-safe state. See Section 17.13.10 for detailed conditions.
17.13.8 Power-down
The FS56 enters a graceful power-down when both EN1 and EN2 are asserted low in the application.
The power-down follows a reverse of the power-up sequence for the GPOs (each following the
OTP_GPOx_DELAY[2:0] setting) followed by SW1 and/or SW2.
If entering power-down from deep fail-safe, thermal shut-down, or power-up, the state machine immediately
enters shut-down mode after SW1, SW2, and GPIOs are asserted low (no power-down sequence).
17.13.9 Low-power operation
There are several ways to reduce the quiescent current consumption of the FS5600. These are:
• Turning off SW1 and SW2 (via I2C, or using EN1/2 pins)
• Changing SW1 and SW2 operation mode from PWM to Auto Skip or PFM mode.
The operation mode of SW1 and SW2 may be changed using I2C or by using the MODE pin.
17.13.9.1 Ultra low-power operation
When (MODE pin =1) AND (OTP_MODE_SYNCINB_SEL[1:0] = 00) AND (OTP_ULPM_EN = 1), the FS5600
achieves further reduction in quiescent current by turning off the internal 20 MHz clock. In this condition,
I2C access is not available, the watchdog timer function is not available and external voltage monitors
(VMON1-4) are disabled. PGOOD pins assigned to the external voltage monitors (VMON1-4) are asserted
low. If the respective regulator is enabled, voltage monitors for SW1 and SW2 regulators remain enabled. The
OTP_ULPM_EN bit is set to 1 in the QM version of FS5600. The user may choose its value in ASIL B and
Enhanced ASIL B versions.
17.13.10 State transition table
Transition
Description
Transition conditions
A
Power up to INIT_RUN
Completion of SW1 soft-start (if EN1 = high)
&&
Completion of SW2 soft-start (if EN2 = high)
&&
Expiration of largest delay among OTP_GPOx_DELAY[2:0] (if GPIOx pin
used as GPO AND OTP_GPOx_DELAY[2:0] NOT EQUAL to 0b000)
Note: If one regulator is disabled, its soft-start completion signal is ignored
as a condition for this state transition.
B
INIT_RUN to NORMAL
STATE
OTP_NORMAL STATE_EN = 1 &&
[
(PGOOD1 released high internally && OTP_PGOOD1_SAFE = 1) OR (OTP_
PGOOD1_SAFE = 0)
Table 53. State transition table
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
62 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com