Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAS40 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # BAS40
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

BAS40 Datasheet(HTML) 2 Page - Won-Top Electronics

  BAS40 Datasheet HTML 1Page - Won-Top Electronics BAS40 Datasheet HTML 2Page - Won-Top Electronics BAS40 Datasheet HTML 3Page - Won-Top Electronics BAS40 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.wontop.com
© Won-Top Electronics Co., Ltd.
2
Revision: October, 2018
Electrical Characteristics @TA=25°C unless otherwise specified
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Reverse Breakdown Voltage
@ IR = 10µA
V(BR)
40
V
Forward Voltage Drop
@ IF = 1.0mA
@ IF = 40mA
VF
0.38
1.00
V
Reverse Leakage Current
@ VR = 30V
IR
20
200
nA
Diode Capacitance (VR = 0V, f = 1.0MHz)
CD
4.0
5.0
pF
Reverse Recovery Time (IF = IR = 10mA, IRR = 0.1 x IR, RL = 100Ω)
trr
5.0
nS
BAS40 / A / C / S
WON-TOP ELECTRONICS
®
0
TA, AMBIENT TEMPERATURE (°C)
Fig. 1 Power Derating Curve
25
50
75
100
125
0
100
200
300
400
500
0
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
0.2
0.4
0.6
0.8
1.0
0.1
1.0
10
100
VR, DC REVERSE VOLTAGE (V)
Fig. 3 Total Capacitance vs. Reverse Voltage
0
1.0
2.0
3.0
4.0
5.0
0
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 4 Typical Reverse Characteristics
5
10
15
20
25
0.001
0.01
0.1
1.0
10
100
0
10
20
30
40
50
f = 1.0MHz
TA = 85°C
TA = 150°C
TA = 125°C
TA = 25°C
TA = 125°C
TA = -40°C
TA = 25°C
TA = 85°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com