Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CH20-0032-17G-RTR Datasheet(PDF) 2 Page - Tyco Electronics

Part # CH20-0032-17G-RTR
Description  Low Cost SMT 17dB Bi-Directional Coupler, 824-960 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CH20-0032-17G-RTR Datasheet(HTML) 2 Page - Tyco Electronics

  CH20-0032-17G-RTR Datasheet HTML 1Page - Tyco Electronics CH20-0032-17G-RTR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
! "
!
#
$
!
"
!
"
!
"
! #
$
!
!
%
+
%
+ ,
-
. +
07
(
(
:
)/-0( +
,
,
2 3
07
(
(
:( 4
#
! 4
07
(
(
:(4 4
4 &
#
! 4
'
$
/
0
% % $1 $
+
?- #
*
<$
; ! $
.
#
!$ 5
3!
!
-
) *
0
+
@
!3 !. !
5!
!
"
.
$
#
! !
3
"
&
-
) *
-!#$ ,
6 06
/#
!3
#
$
(
A0
B
A0
)
3
#
$
(
A0
B
A0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com