Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1547229 Datasheet(PDF) 14 Page - PHOENIX CONTACT

Part # 1547229
Description  SAC-4P-MICFR/.../... - Sensor/actuator cable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1547229 Datasheet(HTML) 14 Page - PHOENIX CONTACT

Back Button 1547229 Datasheet HTML 9Page - PHOENIX CONTACT 1547229 Datasheet HTML 10Page - PHOENIX CONTACT 1547229 Datasheet HTML 11Page - PHOENIX CONTACT 1547229 Datasheet HTML 12Page - PHOENIX CONTACT 1547229 Datasheet HTML 13Page - PHOENIX CONTACT 1547229 Datasheet HTML 14Page - PHOENIX CONTACT 1547229 Datasheet HTML 15Page - PHOENIX CONTACT 1547229 Datasheet HTML 16Page - PHOENIX CONTACT 1547229 Datasheet HTML 17Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
CUTFOX-S VDE - Diagonal cutter
1212207
https://www.phoenixcontact.com/us/products/1212207
Diagonal cutter for hard (piano wire) and soft wires, VDE 1000 V AC/1500 V DC
tested
WIREFOX SAC-1 - Stripping tool
1212757
https://www.phoenixcontact.com/us/products/1212757
Stripping pliers, for halogen-free sensor/actuator cables (SAC cables), with PUR
and PVC insulation, from Ø of 3.2 to 4.4 mm, any stripping length
SAC-4P-MICFR/.../... - Sensor/actuator cable
1547229
https://www.phoenixcontact.com/us/products/1547229
Apr 15, 2024, 7:32 AM
Page 14 (17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com