Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6126 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6126
Description  High-Voltage, Step Down Controller in TSOT6
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6126 Datasheet(HTML) 4 Page - Sipex Corporation

  SP6126 Datasheet HTML 1Page - Sipex Corporation SP6126 Datasheet HTML 2Page - Sipex Corporation SP6126 Datasheet HTML 3Page - Sipex Corporation SP6126 Datasheet HTML 4Page - Sipex Corporation SP6126 Datasheet HTML 5Page - Sipex Corporation SP6126 Datasheet HTML 6Page - Sipex Corporation SP6126 Datasheet HTML 7Page - Sipex Corporation SP6126 Datasheet HTML 8Page - Sipex Corporation SP6126 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Mar 29-07 RevD
SP6126: TSOT-6 PFET Buck Controller
 2007 Sipex Corporation
4
The SP6126 is a fixed frequency, voltage-
mode,
non-synchronous
PWM
controller
optimized for minimum component, small form
factor and cost effectiveness. It has been
designed for single-supply operation ranging
from 4.5V to 29V. SP6126 has Type-II internal
compensation
for
use
with
Electrolytic/Tantalum output capacitors. For
ceramic capacitors Type-III compensation can
be implemented by simply adding an R and C
between output and Feedback. A precision
0.6V reference, present on the positive terminal
of the Error Amplifier, permits programming of
the output voltage down to 0.6V via the FB pin.
The output of the Error Amplifier is internally
compared to a feed-forward (VIN/5 peak-to-
peak) ramp and generates the PWM control.
Timing is governed by an internal oscillator that
sets the PWM frequency at 600kHz.
SP6126 contains useful protection features.
Over-current protection is based on high-side
MOSFET’s Rds(on) and is programmable via a
resistor placed at LX node. Under-Voltage
Lock-Out (UVLO) ensures that the controller
starts functioning only when sufficient voltage
exists for powering IC’s internal circuitry.
SP6126 Loop Compensation
The
SP6126
includes
Type-II
internal
compensation
components
for
loop
compensation.
External
compensation
components are not required for systems with
tantalum
or
aluminum
electrolytic
output
capacitors with sufficiently high ESR. Use the
condition below as a guideline to determine
whether or not the internal compensation is
sufficient for your design.
Type-II internal compensation is sufficient if the
following condition is met:
DBPOLE
ESRZERO
f
f
<
………………. (1)
where:
OUT
ESR
ESRZERO
C
R
f
.
.
.
2
1
π
=
……….. (2)
OUT
DBPOLE
C
L
f
⋅
=
.
.
2
1
π
………… (3)
Creating a Type-III compensation Network
The above condition requires the ESR zero to
be at a lower frequency than the double-pole
from the LC filter. If this condition is not met,
Type-III compensation should be used and can
be accomplished by placing a series RC
combination in parallel with R1 as shown
below. The value of CZ can be calculated as
follows and RZ selected from table 1.
1
R
C
L
CZ
⋅
=
………….. (4)
Table1- Selection of RZ
Figure 1- RZ and CZ in conjunction with
internal compensation components form
a Type-III compensation
fESRZERO ÷ fDBPOLE
RZ
1X
50K
2X
40K
3X
30K
5X
10K
>= 10X
2K
R1
200k, 1%
R2
SP6126
VFB
RZ2
200k
CZ2
130pF
CP1
2pF
Error Amplif ier
Vref =0.6V
Vout
RZ
CZ
GENERAL OVERVIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com