| Electronic Components Datasheet Search |
|
SST45LF010 Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST45LF010 Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc |
|
4 / 16 page ![]() 4 Data Sheet 1 Mbit Serial Flash SST45LF010 ©2003 Silicon Storage Technology, Inc. S71128-04-000 3/03 372 FIGURE 2: PIN ASSIGNMENTS TABLE 2: PIN DESCRIPTION Symbol Pin Name Functions SCK Serial Clock To provide the timing of the serial interface. Commands, addresses, or input data are latched on the rising edge of the clock input, while output data is shifted out on the falling edge of the clock input. SI Serial Data Input To transfer commands, addresses, or data serially into the device. Inputs are latched on the rising edge of the serial clock. SO Serial Data Output To transfer data serially out of the device. Data is shifted out on the falling edge of the serial clock. CE# Chip Enable The device is enabled by a high to low transition on CE#. WP# Write Protect To protect the device from unintentional Write (Erase or Program) operations. When WP# is low, all Erase and Program commands are ignored. When WP# is high, the device may be erased or programmed. This pin has an internal pull-up and could remain unconnected when not used. RST# Reset A high to low transition on RST# will terminate any operation in progress and reset the internal logic to the standby mode. The device will remain in the reset condition as long as the RST# is low. Operations may only occur when RST# is high. This pin has an internal pull-up and could remain unconnected when not used. VDD Power Supply To provide power supply (3.0-3.6V). VSS Ground T2.5 372 1 2 3 4 8 7 6 5 WP# VDD CE# SCK RST# VSS SO SI Top View 372 ILL F01.6 1 2 3 4 8 7 6 5 WP# VDD CE# SCK Top View RST# VSS SO SI 372 ILL F01a.2 8-LEAD SOIC 8-CONTACT WSON |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |