Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAV20WS-T1 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # BAV20WS-T1
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

BAV20WS-T1 Datasheet(HTML) 1 Page - Won-Top Electronics

  BAV20WS-T1 Datasheet HTML 1Page - Won-Top Electronics BAV20WS-T1 Datasheet HTML 2Page - Won-Top Electronics BAV20WS-T1 Datasheet HTML 3Page - Won-Top Electronics BAV20WS-T1 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: October, 2018
1
Pb
Features
Silicon Epitaxial Planar Die Construction
Fast Switching Speed
A
Surface Mount Package Ideally Suited for
Automatic Insertion
For General Purpose Switching Applications
C
Plastic Material – UL Recognition Flammability
D
Classification 94V-0
B
E
Mechanical Data
H
Case: SOD-323, Molded Plastic
G
Terminals: Plated Leads Solderable per
J
MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.004 grams (approx.)
Marking: Device Code, See Page 3
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings @TA=25°C unless otherwise specified
Characteristic
Symbol
BAV19WS
BAV20WS
BAV21WS
Unit
Peak Repetitive Reverse Voltage
VRRM
120
200
250
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
VR
100
150
200
V
Forward Continuous Current
IF
200
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0µs
@ t = 1.0s
IFSM
2.5
0.5
A
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Thermal Characteristics
Characteristic
Symbol
BAV19WS
BAV20WS
BAV21WS
Unit
Power Dissipation (Note 1)
PD
200
mW
Thermal Resistance, Junction to Ambient (Note 1)
RθJA
625
°C/W
Note: 1. Mounted on FR-4 PC board with minimum recommended pad layout.
BAV19WS – BAV21WS
SURFACE MOUNT FAST SWITCHING DIODE
WON-TOP ELECTRONICS
®
SOD-323
Dim
Min
Max
A
2.30
2.75
B
1.60
1.80
C
1.20
1.40
D
0.25
0.40
E
0.05
0.15
G
0.20
0.40
H
1.10
J
0.10
All Dimensions in mm


Similar Part No. - BAV20WS-T1

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BAV20WS-T1 WTE-BAV20WS-T1 Datasheet
48Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAV20WS-T1

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com