Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLS101SURC/E28V Datasheet(PDF) 2 Page - Kingbright Corporation

Part # BLS101SURC/E28V
Description  10mm SCREW BASED LED LAMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

BLS101SURC/E28V Datasheet(HTML) 2 Page - Kingbright Corporation

  BLS101SURC/E28V Datasheet HTML 1Page - Kingbright Corporation BLS101SURC/E28V Datasheet HTML 2Page - Kingbright Corporation BLS101SURC/E28V Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPEC NO:DSAB2237
REV NO: V.2
DATE: APR/14/2003
PAGE: 2 OF 3
APPROVED: J.LU
CHECKED: Allen Liu
DRAWN: S.J.HOU
Electrical / Optical Characteristics at T)=25°°°°°C
Note:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Selection Guide
Absolute Maximum Ratings at T)=25°°°°°C
l
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sr
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pe
c
i
v
e
De
c
i
v
e
D
e
c
i
v
e
D
e
c
i
v
e
De
c
i
v
e
D.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T.
x
a
M.
x
a
M .
x
a
M .
x
a
M.
x
a
Ms
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
Us
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
λ
k
a
e
p
h
t
g
n
e
l
e
v
a
W
k
a
e
Pd
e
R
r
e
p
y
H
0
4
6
m
nV
8
2
=
V
λ D
h
t
g
n
e
l
e
v
a
W
e
t
a
n
i
m
o
Dd
e
R
r
e
p
y
H0
3
6m
nV
8
2
=
V
λ
∆
2
/
1
h
t
d
i
w
-f
l
a
H
e
n
i
L
l
a
rt
c
e
p
Sd
e
R
r
e
p
y
H5
2m
nV
8
2
=
V
I F
t
n
e
rr
u
C
d
r
a
w
r
o
Fd
e
R
r
e
p
y
H6
.
0
1A
mVF
V
8
2
=
I R
t
n
e
rr
u
C
e
s
r
e
v
e
Rd
e
R
r
e
p
y
H0
1A
uVR
V
5
=
.
o
N
t
r
a
P.
o
N
t
r
a
P
.
o
N
t
r
a
P
.
o
N
t
r
a
P.
o
N
t
r
a
Pe
c
i
De
c
i
D e
c
i
D e
c
i
De
c
i
De
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
e
p
y
T
s
n
e
L
e
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
)
d
c
m
(
v
I)
d
c
m
(
v
I
)
d
c
m
(
v
I
)
d
c
m
(
v
I)
d
c
m
(
v
I
V
8
2
=
V
g
n
i
w
e
i
Vg
n
i
w
e
i
V
g
n
i
w
e
i
V
g
n
i
w
e
i
Vg
n
i
w
e
i
V
e
l
g
n
A
.
n
i
M.
n
i
M .
n
i
M .
n
i
M.
n
i
M.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T
2
/
1
θ
22
/
1
θ
2 2
/
1
θ
2 2
/
1
θ
22
/
1
θ
2
V
8
2
E
/
C
R
U
S
1
0
1
S
L
B)
P
l
A
a
G
n
I(
D
E
R
R
E
P
Y
HR
A
E
L
C
R
E
T
A
W0
8
40
0
9°
0
2
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
d
e
R
r
e
p
y
Hd
e
R
r
e
p
y
H
d
e
R
r
e
p
y
H
d
e
R
r
e
p
y
Hd
e
R
r
e
p
y
Hs
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
U
V
8
2
r
o
f
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P
0
5
3W
m
V
8
2
r
o
f
e
g
a
tl
o
V
d
r
a
w
r
o
F
C
D2
3V
e
g
a
tl
o
V
e
s
r
e
v
e
R5
V
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
0
4
- °
0
7
+
o
T
C
°C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
0
4
- °
5
8
+
o
T
C
°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com