Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NASE331M6.3V6.3X8NBF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NASE331M6.3V6.3X8NBF
Description  Surface Mount Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NASE331M6.3V6.3X8NBF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NASE331M6.3V6.3X8NBF Datasheet HTML 1Page - NIC-Components Corp. NASE331M6.3V6.3X8NBF Datasheet HTML 2Page - NIC-Components Corp. NASE331M6.3V6.3X8NBF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4
®
NIC COMPONENTS CORP.
.niccomp.
.lowESR.
.RFpassives.
.SMTmagnetics.
5
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Aluminum Electrolytic Capacitors NASE Series
NIC Part Number
Cap.
(µF)
W.V.
(Vdc)
Dissipaton Factor
(Tan δ)
Max. Ripple Current (mA)
+85°C/120Hz
Load Life Hours
@ +85°C
NASE220M6.3V4X5.5NBF
22
6.3
0.26
29
2,000
NASE470M6.3V5X5.5NBF
47
0.26
46
2,000
NASE101M6.3V6.3X5.5NBF
100
0.26
71
2,000
NASE331M6.3V6.3X8NBF
330
0.35
190
2,000
NASE471M6.3V8X10.5LBF
470
0.35
380
2,000
NASE102M6.3V10X10.5LBF
1000
0.35
700
2,000
NASE330M10V5X5.5NBF
33
10
0.22
43
2,000
NASE101M10V6.3X5.5NBF
100
0.22
71
2,000
NASE221M10V6.3X8NBF
220
0.26
175
2,000
NASE331M10V8X10.5LBF
330
0.26
330
2,000
NASE471M10V8X10.5LBF
470
0.26
380
2,000
NASE471M10V10X10.5LBF
470
0.26
680
2,000
NASE100M16V4X5.5NBF
10
16
0.18
25
2,000
NASE220M16V4X5.5NBF
22
0.18
30
2,000
NASE220M16V5X5.5NBF
22
0.18
39
2,000
NASE330M16V5X5.5NBF
33
0.18
43
2,000
NASE470M16V5X5.5NBF
47
0.18
50
2,000
NASE470M16V6.3X5.5NBF
47
0.18
60
2,000
NASE101M16V6.3X5.5NBF
100
0.18
86
2,000
NASE221M16V8X10.5LBF
220
0.20
290
2,000
NASE331M16V8X10.5LBF
330
0.20
330
2,000
NASE331M16V10X10.5LBF
330
0.20
670
2,000
NASE471M16V8X10.5LBF
470
0.20
385
2,000
NASE471M16V10X10.5LBF
470
0.20
690
2,000
NASE4R7M25V4X5.5NBF
4.7
25
0.16
18
2,000
NASE100M25V4X5.5NBF
10
0.16
25
2,000
NASE330M25V6.3X5.5NBF
33
0.16
54
2,000
NASE470M25V6.3X5.5NBF
47
0.16
60
2,000
NASE101M25V6.3X8NBF
100
0.16
145
2,000
NASE221M25V8X10.5LBF
220
0.16
300
2,000
NASE221M25V10X10.5LBF
220
0.16
560
2,000
NASE331M25V10X10.5LBF
330
0.16
680
2,000
NASE4R7M35V4X5.5NBF
4.7
35
0.13
18
2,000
NASE100M35V5X5.5NBF
10
0.13
30
2,000
NASE220M35V6.3X5.5NBF
22
0.13
48
2,000
NASE330M35V6.3X5.5NBF
33
0.13
58
2,000
NASE470M35V6.3X8NBF
47
0.14
105
2,000
NASE101M35V8X10.5LBF
100
0.14
280
2,000
NASE101M35V10X10.5LBF
100
0.14
480
2,000
NASE221M35V10X10.5LBF
220
0.14
570
2,000
NASER10M50V4X5.5NBF
0.1
50
0.12
1.0
2,000
NASER22M50V4X5.5NBF
0.22
0.12
2.0
2,000
NASER33M50V4X5.5NBF
0.33
0.12
2.8
2,000
NASER47M50V4X5.5NBF
0.47
0.12
4.0
2,000
NASE1R0M50V4X5.5NBF
1.0
0.12
8.4
2,000
NASE2R2M50V4X5.5NBF
2.2
0.12
14
2,000
NASE3R3M50V4X5.5NBF
3.3
0.12
17
2,000
NASE4R7M50V4X5.5NBF
4.7
0.12
18
2,000
NASE4R7M50V5X5.5NBF
4.7
0.12
22
2,000
NASE100M50V5X5.5NBF
10
0.12
30
2,000
NASE100M50V6.3X5.5NBF
10
0.12
35
2,000
NASE220M50V6.3X5.5NBF
22
0.12
48
2,000
NASE330M50V6.3X8NBF
33
0.12
95
2,000
NASE330M50V8X10.5LBF
33
0.12
200
2,000
NASE470M50V8X10.5LBF
47
0.12
240
2,000
NASE470M50V10X10.5LBF
47
0.12
280
2,000
NASE101M50V8X10.5LBF
100
0.12
320
2,000
NASE101M50V10X10.5LBF
100
0.12
500
2,000
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com