Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NATT331M6.3V8X10.5KBF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NATT331M6.3V8X10.5KBF
Description  Surface Mount Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NATT331M6.3V8X10.5KBF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NATT331M6.3V8X10.5KBF Datasheet HTML 1Page - NIC-Components Corp. NATT331M6.3V8X10.5KBF Datasheet HTML 2Page - NIC-Components Corp. NATT331M6.3V8X10.5KBF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
57
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Aluminum Electrolytic Capacitors
NATT Series
FEATURES
• CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING
• EXTENDED TEMPERATURE & LOAD LIFE (1,000 ~ 2,000 HOURS @ +125°C)
• SUITABLE FOR DC-DC CONVERTER, DC-AC INVERTER, ETC.
• DESIGNED FOR AUTOMATIC MOUNTING AND REFLOW SOLDERING
CHARACTERISTICS
LOW ESR COMPONENT
LIQUID ELECTROLYTE
For Performance Data
see www.LowESR.com
Rated Voltage Rating
6.3 ~ 100Vdc
Rated Capacitance Range
2.2 ~ 4,700
µF
Operating Temp. Range
-40 ~ +125°C
Capacitance Tolerance
±20% (M)
Max. Leakage Current
After 2 Miuntes @ 20°C
0.01CV or 3
µA
whichever is greater
Tan
δ @ 120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
100
S.V. (Vdc)
8.0
13
20
32
44
63
125
Tan
δ
0.30
0.24
0.20
0.16
0.14
0.14
0.10
Low Temperature
Stability
Impedance Ratio @ 120Hz
W.V. (Vdc)
6.3
10
16
25
35
50
100
Z-25°C/Z+20°C
4322222
Z-40°C/Z+20°C
8643333
Load Life Test @ 125°C
6.3mm Dia. = 1,000 hours
6.3V ~ 50V = 2,000 hours
100V = 1,500 hours
Capacitance Change
Within ±30% of initial measured value
Tan
δ
Less than ±300% of the specified maximum value
Leakage Current
Less than the specified maximum value
NATT 101 M 16V 6.3x8
N B F
RoHS Compliant
Termination/Packaging Code
Reflow Temperature Code
Size in mm
Working Voltage
Tolerance Code M=20%, K=10%
Capacitance Code in
µF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10
µF
Series
PART NUMBER SYSTEM
Cap
(
µF) Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
100
2.2
2R2
-
-
-
-
-
6.3x6.3
-
3.3
3R3
-
-
-
-
-
6.3x6.3
-
4.7
4R7
-
-
-
-
6.3x6.3
6.3x6.3
-
10
100
-
-
-
-
6.3x6.3
6.3x6.3
8x10.5
15
150
-
-
-
-
6.3x6.3
6.3x8
8x10.5
22
220
-
-
-
-
6.3x6.3
6.3x8
8x10.5
33
330
-
-
-
6.3x6.3
6.3x8
6.3x8
10x10.5
8x10.5
47
470
-
-
-
-
6.3x8
8x10.5
12.5x14
8x10.5
10x10.5
100
101
6.3x6.3
6.3x8
8x10.5
6.3x8
8x10.5
10x10.5
16x17
8x10.5
10x10.5
12.5x14
220
221
6.3x8
6.3x8
8x10.5
8x10.5
10x10.5
12.5x14
-
8x10.5
10x10.5
12.5x14
330
331
8x10.5
8x10.5
10x10.5
10x10.5
12.5x14
12.5x14
-
12.5x14
16x17
470
471
8x10.5
10x10.5
12.5x14
12.5x14
12.5x14
16x17
-
16x17
680
681
10x10.5
12.5x14
12.5x14
12.5x14
16x17
16x17
-
1000
102
12.5x14
12.5x14
12.5x14
16x17
16x17
-
-
1500
152
12.5x14
12.5x14
16x17
16x17
-
-
-
2200
222
12.5x14
16x17
16x17
-
-
-
-
3300
332
16x17
16x17
-
-
-
-
-
4700
472
16x17
-
-
-
-
-
-
Code
Peak Reflow
Temperature
L
250°C
K
245°C
J
240°C
H
235°C
Code
Finish & Reel Size
B
Sn-Bi Finish & 13" Reel
LB
Sn-Bi Finish & 15" Reel
S
100% Sn Finish & 13" Reel
LS
100% Sn Finish & 15" Reel
PEAK REFLOW
TEMPERATURE CODES
STANDARD VALUES AND CASE SIZES (mm)
TERMINATION FINISH &
PACKAGING OPTIONS CODES
SAC Alloy Compatible
230°C ~ 260°C
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details


Similar Part No. - NATT331M6.3V8X10.5KBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NATT331M6.3V8X10.5NBF NIC-NATT331M6.3V8X10.5NBF Datasheet
116Kb / 5P
Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NATT331M6.3V8X10.5KBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACK NIC-NACK Datasheet
48Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
NACNW NIC-NACNW Datasheet
172Kb / 1P
Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACVF NIC-NACVF_14 Datasheet
85Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NAWS NIC-NAWS Datasheet
97Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com