Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VM6101V008 Datasheet(PDF) 11 Page - STMicroelectronics

Part # VM6101V008
Description  I짼C color light sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VM6101V008 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VM6101V008 Datasheet HTML 7Page - STMicroelectronics VM6101V008 Datasheet HTML 8Page - STMicroelectronics VM6101V008 Datasheet HTML 9Page - STMicroelectronics VM6101V008 Datasheet HTML 10Page - STMicroelectronics VM6101V008 Datasheet HTML 11Page - STMicroelectronics VM6101V008 Datasheet HTML 12Page - STMicroelectronics VM6101V008 Datasheet HTML 13Page - STMicroelectronics VM6101V008 Datasheet HTML 14Page - STMicroelectronics VM6101V008 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
VM6101
Register description
11/17
0x21
[3:0]
0x00
PWM_FREQ
PWM output frequency (RW)(4 MSBs are reserved):
n = 0 to 15
fPWM = fOSC * 2
n-18, where f
OSC = 3.6 MHz.
0x22
[4:0]
0x00
PWM_SENS
PWM sensitivity (RW)(3 MSBs are reserved):
n = 0 to 26
0 = high sensitivity, 26 = low sensitivity. Practical values lie between 9
and 18. Refer to
Figure 4: PWM duty cycle versus illumination for
typical behavior.
0x22
...
0x27
[7:0]
Reserved.
0x28
[7:0]
0x04
TEST_MOD
Reserved (RW).
0x29
[7:0]
0x00
TEST_SEL
Reserved (RW).
0x2A
...
0xFF
[7:0]
Reserved.
Table 3.
Register description (continued)
Addr.
Bits
Def.
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com