Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IA186EM-PTQ100I-R Datasheet(PDF) 103 Page - InnovASIC, Inc

Part # IA186EM-PTQ100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PTQ100I-R Datasheet(HTML) 103 Page - InnovASIC, Inc

Back Button IA186EM-PTQ100I-R Datasheet HTML 99Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 100Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 101Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 102Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 103Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 104Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 105Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 106Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 107Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
PSRAM Write Cycle Timing
No.
Name
Comment
MIN
MAX Units
General Timing Requirements
1 tDVCL
Data in Setup
10
ns
2 tCLDX
Data in Hold
0
ns
General Timing Responses
5 tCLAV
ad Address Valid Delay
0
12
ns
7 tCLDV
Data Valid Delay
0
12
ns
8 tCHDX
Status Hold Time
0
ns
9 tCHLH
ale Active Delay
0
8
ns
10 tLHLL
ale Width
tCLCH-5
ns
11 tCHLL
ale Inactive Delay
NULL NULL
ns
20 tCVCTV
Control Active Delay 1
0
10
ns
23 tLHAV
ale High to Address Valid
7.5
ns
80 tCLCLX
lcs_n Inactive Delay
0
9
ns
81 tCLCSL
lcs_n Active Delay
0
9
ns
84 tLRLL
lcs_n Precharge Pulse Width
tCLCL+
tCLCH
ns
Write Cycle Timing Responses
30 tCLDOX
Data Hold Time
0
ns
31 tCVCTX
Control Inactive Delay
0
10
ns
32 tWLWH
wr_n Pulse Width
2tCLCL
ns
33 tWHLH
wr_n Inactive to ale High
tCLCH
ns
34 tWHDX
Data Hold after wr_n
tCLCL
ns
65 tAVWL
a Address Valid to wr_n Low
tCLCL+
tCHCL
ns
68 tCHAV
clkoutA High to a Address Valid
0
8
ns
87 tAVBL
a Address Valid to whb_n/wlb_n Low
tCHCL -
1.5
ns
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com