Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IA186EM-PTQ100I-R Datasheet(PDF) 106 Page - InnovASIC, Inc

Part # IA186EM-PTQ100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PTQ100I-R Datasheet(HTML) 106 Page - InnovASIC, Inc

Back Button IA186EM-PTQ100I-R Datasheet HTML 102Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 103Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 104Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 105Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 106Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 107Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 108Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 109Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 110Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
Interrupt Acknowledge Cycle Timing
No. Name
Description
MIN
MAX
Units
General Timing Requirements
1
tDVCL
Data in Setup
10
ns
2
tCLDX
Data in Hold
0
ns
General Timing Responses
3
tCHSV
Status Active Delay
0
6
ns
4
tCLSH
Status Inactive Delay
0
6
ns
7
tCLDV
Data Valid Delay
0
12
ns
8
tCHDX
Status Hold Time
0
ns
9
tCHLH
ale Active Delay
0
8
ns
10
tLHLL
ale Width
tCLCH-
5
ns
11
tCHLL
ale Inactive Delay
0
8
ns
12
tAVLL
ad Address Valid to ale Low
tCLCH
ns
15
tCLAZ
ad Address Float Delay
0
12
ns
19
tDXDL
den_n Inactive to dt_r_n Low
0
ns
20
tCVCTV
Control Active Delay 1
0
10
ns
21
tCVDEX
den_n Inactive Delay
0
9
ns
22
tCHCTV
Control Active Delay 2
0
10
ns
23
tLHAV
ale High to Address Valid
7.5
ns
31
tCVCTX
Control Inactive Delay
0
10
ns
68
tCHAV
clkoutA High to a Address Valid
0
8
ns
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com