Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IA186EM-PTQ100I-R Datasheet(PDF) 108 Page - InnovASIC, Inc

Part # IA186EM-PTQ100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PTQ100I-R Datasheet(HTML) 108 Page - InnovASIC, Inc

Back Button IA186EM-PTQ100I-R Datasheet HTML 104Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 105Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 106Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 107Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 108Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 109Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 110Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 111Page - InnovASIC, Inc IA186EM-PTQ100I-R Datasheet HTML 112Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
Clock – Active Mode
0ns
20ns
40ns
60ns
80ns
100ns
120ns
140ns
160ns
180ns
x2
x1
clkoutA
clkoutB
36
37
38
69
42
43
44
70
Clock – Power-Save Mode
0ns
20ns
40ns
60ns
80ns
100ns
120ns
140ns
160ns
180ns
x2
x1
clkoutA
clkoutB(CBF=1)
clkoutB(CBF=0)
Clock Timing
No. Name
Description
MIN
MAX
Units
CLKIN Requirements
36
tCKIN
X1 Period
25
66
ns
37
tCLCK
X1 Low Time
7.5
ns
38
tCHCK
X1 High Time
7.5
ns
39
tCKHL
X1 Fall Time
5
ns
40
tCKLH
X1 Rise time
5
ns
CLKOUT Timing
42
tCLCL
clkoutA Period
25
ns
43
tCLCH
clkoutA Low Time
tCLCL/2
ns
44
tCHCL
clkoutA High Time
tCLCL/2
ns
45
tCH1CH2
clkoutA Rise Time
3
ns
46
tCL2CL1
clkoutA Fall Time
3
ns
61
tLOCK
Maximum PLL Lock Time
0.5
ms
69
tCICOA
X1 to clkoutA Skew
25
ns
70
tCICOB
X1 to clkoutB Skew
35
ns
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com