Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IA88C00-PLC68C-R Datasheet(PDF) 66 Page - InnovASIC, Inc

Part # IA88C00-PLC68C-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PLC68C-R Datasheet(HTML) 66 Page - InnovASIC, Inc

Back Button IA88C00-PLC68C-R Datasheet HTML 62Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 63Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 64Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 65Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 66Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 67Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 68Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 69Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 70Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG21 1 030617-04
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 66 of 80
1.888.824.4184
Absolute Maximum Ratings
Symbol
Description
Min
Max
Unit
VDO
Supply Voltage*
-0.3
+7.0
V
TSTG
Storage Temp
-65
+150
C
TA
Oper Ambient Temp
†
†
C
* Voltages on all pins with respect to GND
† See Ordering Information
CAUTION
Stress that exceeds that presented above may cause permanent damage to the device. This is a stress
rating only. Acceptable operation of the device at any condition above that which is indicated in the
operational sections of these specifications is not implied. Exposure to absolute maximum rating
conditions for an extended period may affect device reliability.
Standard Test Conditions
The following characteristics apply to standard test conditions as noted. All voltages are referenced to
VSS. Positive current flows into the referenced pin (Standard Test Load).
Standard conditions are:
4.5V < VCC < 5.5V
GND – OV
-40ºC < TA < + 85ºC
From Output
Under Test
+5V
1k
150 pF
400 A
Figure 63. Standard Test Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com