Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MACA166 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # MACA166
Description  METALLIZED POLYESTER FILM CAPACITORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MACA166 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  MACA166 Datasheet HTML 1Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
♦TERMINAL FORM
♦STANDARD PRODUCTS
B type (double faston)
S type (faston)
L type (lug)
H type (covered wire)
Part No.
cap(
µF)
A
AC 220V
AC 250V
AC 300V
AC 400V
32.0
B
13.5
C
26.0
D
23.5
32.0 13.5 26.0 23.5
32.0 13.5 26.0 23.5
32.0 13.5 26.0 23.5
38.0 14.5 29.0 24.5
38.0 14.5 29.0 24.5
38.0 14.5 29.0 24.5
38.0 14.5 29.0 24.5
38.0 14.5 29.0 24.5
38.0 18.5 32.0 28.5
38.0 18.5 32.0 28.5
38.0 18.5 32.0 28.5
38.0 18.5 32.0 28.5
49.0 19.5 31.0 29.5
49.0 19.5 31.0 29.5
49.0 22.5 36.0 32.5
49.0 22.5 36.0 32.5
49.0 25.0 39.0 32.5
38.0 18.5 32.0 28.5
38.0 18.5 32.0 28.5
38.0 18.5 32.0 28.5
49.0 19.5 31.0 29.5
49.0 19.5 31.0 29.5
49.0 22.5 36.0 32.5
49.0 22.5 36.0 32.5
49.0 22.5 36.0 32.5
A
32.0
B
13.5
C
26.0
D
23.5
32.0 13.5 26.0 23.5
32.0 13.5 26.0 23.5
38.0 14.5 29.0 24.5
38.0 14.5 29.0 24.5
38.0 14.5 29.0 24.5
38.0 18.5 32.0 28.5
38.0 18.5 32.0 28.5
38.0 18.5 32.0 28.5
38.0 18.5 32.0 28.5
49.0 19.5 31.0 29.5
49.0 19.5 31.0 29.5
49.0 22.5 36.0 32.5
49.0 22.5 36.0 32.5
49.0 22.5 36.0 32.5
49.0 19.5 31.0 29.5
49.0 19.5 31.0 29.5
49.0 22.5 36.0 32.5
49.0 22.5 36.0 32.5
49.0 25.0 39.0 35.0
49.0 25.0 39.0 35.0
38.0 14.5 29.0 24.5
14.5 29.0 24.5
38.0
38.0 18.5 32.0 28.5
38.0 18.5 32.0 28.5
14.5 29.0 24.5
38.0
A
32.0
B
13.5
C
26.0
D
23.5
32.0 13.5 26.0 23.5
AB
C
D
MACA 105
1.0
MACA 155
1.5
MACA 205
2.0
MACA 255
2.5
MACA 305
3.0
MACA 355
3.5
MACA 405
4.0
MACA 455
4.5
MACA 505
5.0
MACA 605
6.0
MACA 705
7.0
MACA 805
8.0
MACA 905
9.0
MACA 106
10.0
MACA 126
12.0
MACA 146
14.0
MACA 166
16.0
MACA 206
20.0
∗A type using as dielectric a metallized polypropylene film is available. For details, consult our sales office.
: Rated voltage
: Capacitance tolerance
: Terminal form
METALLIZED POLYESTER FILM CAPACITORS
MACA
♦FEATURES
• This capacitors provide self-healing.
• For motor starting and phase compensation.
• Wax impregnated with flame-retardant (UL 94V-0) plastic case.
SERIES
MACA
♦SPECIFICATIONS
-25
°C~+60°C
±5%(J), ±10%(K)
0.004 max at 50/60Hz
URx175% 10s
1000
ΩF min
JIS C 4908
AC220, 250V, 300V, 400V
Category temperture
Rated voltage (UR)
Voltage proof
Reference standard
Capacitance tolerance
tan
δ
Insulation resistance
♦DIMENSIONS (mm)
A max
D max
B max
8.5
±0.5


Similar Part No. - MACA166

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MACA-242H MINI-MACA-242H Datasheet
340Kb / 2P
Active Mixer
MACA-242H+ MINI-MACA-242H+ Datasheet
340Kb / 2P
Active Mixer
MACA-63H MINI-MACA-63H Datasheet
358Kb / 2P
Active Mixer
MACA-63H+ MINI-MACA-63H+ Datasheet
358Kb / 2P
Active Mixer
More results

Similar Description - MACA166

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
Metallized polyester film capacitors
2001 Jun 22
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
Metallized polyester film capacitors
logo
EPCOS
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
Film Capacitors Metallized Polyester Film Capacitors
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
logo
MERITEK ELECTRONICS COR...
DMPE MERITEK-DMPE Datasheet
122Kb / 1P
Metallized Polyester Film Capacitors
TMPE MERITEK-TMPE Datasheet
167Kb / 1P
Metallized Polyester Film Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com