| Electronic Components Datasheet Search |
|
93AA76AI/P Datasheet(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
93AA76AI/P Datasheet(HTML) 5 Page - Microchip Technology |
|
5 / 26 page ![]() 2004 Microchip Technology Inc. DS21796D-page 5 93AA76A/B/C, 93LC76A/B/C, 93C76A/B/C 2.0 FUNCTIONAL DESCRIPTION When the ORG* pin is connected to VCC, the (x16) organization is selected. When it is connected to ground, the (x8) organization is selected. Instructions, addresses and write data are clocked into the DI pin on the rising edge of the clock (CLK). The DO pin is normally held in a HIGH-Z state except when reading data from the device, or when checking the READY/ BUSY status during a programming operation. The READY/BUSY status can be verified during an Erase/ Write operation by polling the DO pin; DO low indicates that programming is still in progress, while DO high indicates the device is ready. DO will enter the HIGH-Z state on the falling edge of CS. 2.1 Start Condition The Start bit is detected by the device if CS and DI are both high with respect to the positive edge of CLK for the first time. Before a Start condition is detected, CS, CLK and DI may change in any combination (except to that of a Start condition), without resulting in any device operation (READ, WRITE, ERASE, EWEN, EWDS, ERAL or WRAL). As soon as CS is high, the device is no longer in Standby mode. An instruction following a Start condition will only be executed if the required opcode, address and data bits for any particular instruction are clocked in. 2.2 Data In/Data Out (DI/DO) It is possible to connect the Data In and Data Out pins together. However, with this configuration it is possible for a “bus conflict” to occur during the “dummy zero” that precedes the read operation, if A0 is a logic high- level. Under such a condition the voltage level seen at Data Out is undefined and will depend upon the relative impedances of Data Out and the signal source driving A0. The higher the current sourcing capability of the driver, the higher the voltage at the Data Out pin. In order to limit this current, a resistor should be connected between DI and DO. 2.3 Data Protection All modes of operation are inhibited when VCC is below a typical voltage of 1.5V for ‘93AA’ and ‘93LC’ devices or 3.8V for ‘93C’ devices. The EWEN and EWDS commands give additional protection against accidentally programming during normal operation. Note: For added protection, an EWDS command should be performed after every write operation. After power-up, the device is automatically in the EWDS mode. Therefore, an EWEN instruction must be performed before the initial ERASE or WRITE instruction can be executed. Block Diagram Memory Array Data Register Mode Decode Logic Clock Register Address Decoder Address Counter Output Buffer DO DI ORG* CS CLK VCC VSS *ORG and PE inputs are not available on PE* A/B devices. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |