Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACST2-8SFP Datasheet(PDF) 10 Page - STMicroelectronics

Part # ACST2-8SFP
Description  AC Switch family Alternating current switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST2-8SFP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ACST2-8SFP Datasheet HTML 3Page - STMicroelectronics ACST2-8SFP Datasheet HTML 4Page - STMicroelectronics ACST2-8SFP Datasheet HTML 5Page - STMicroelectronics ACST2-8SFP Datasheet HTML 6Page - STMicroelectronics ACST2-8SFP Datasheet HTML 7Page - STMicroelectronics ACST2-8SFP Datasheet HTML 8Page - STMicroelectronics ACST2-8SFP Datasheet HTML 9Page - STMicroelectronics ACST2-8SFP Datasheet HTML 10Page - STMicroelectronics ACST2-8SFP Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
ACST2 Series
10/11
5
Ordering information
6
Revision history
Part number
Marking
Package
Weight
Base Qty
Packing mode
ACST2-8SFP
ACST28S
TO-220FPAB
2.4g
50
Tube
ACST2-8SB
ACST28S
DPAK
0.3g
50
Tube
ACST2-8SB-TR
ACST28S
DPAK
0.3g
2500
Tape and Reel
Date
Revision
Changes
01-Mar-2007
1
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com