Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

42K1A032 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 42K1A032
Description  Female connector M8x1 angled snap
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

42K1A032 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  42K1A032 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
dim. in mm
R
R
R
R
drawn
THIS DRAWING MAY NOT BE COPIED OR REPRODUCED IN ANY WAY, AND
MAY NOT BE PASSED ON TO A THIRD PARTY WITHOUT WRITTEN PERMISSION.
OWNERSHIP AND COPYRIGHT OF CONEC GmbH
appd.
tolerance of cable:
title:
dwg no:
part no:
name
date
42K1A032
Franz
10.10.07
10.10.07
Mankopf
L <= 4m: L + 40mm
L > 4m: L + 1%
Female connector M8x1 angled
snap
see table
Index: a 15.03.2011 VF Ä3941
data sheet revised
general tolerance:
0
0,0
0,00
± 0,50mm
± 0,25mm
± 0,10mm
Description:
SAL - 8 - RKWS4 - 2 / A1
Cable:
Part no:
42-10112
42-10114
42-10113
SAL - 8 - RKWS4 - 5 / A1
SAL - 8 - RKWS4 - 3 / A1
PVC,
grey, 4x0,25mm²
Cable: 781-A12400
Length L:
2m
5m
3m
42-10115
SAL - 8 - RKWS4 - 10 / A1
10m
SAL - 8 - RKWS4 - ... / A1
x
42-xxxxx
A
D
n8
20
Technical specification :
Rated voltage:
IEC 61076-2-104
Current rating:
IEC 61076-2-104
Insulation resistance:
IEC 60512
Pollution degree:
IEC 60664-1
Degree of protection:
IEC 60529
Temperature range:
IEC 60664-1
Mating cycles:
IEC 60512-9a
30 V
3 A at 40°C
>=100 M
3/2
IP 67, in mated
condition
-30°C ... +80°C
>=100
Materials:
Contact:
Contact plating:
Contact carrier:
Moulding body:
CuZn
Nickel, gold plated
TPU GF, UL 94
TPU, UL 94, grey
D see data sheet cable
3
4
2
1
brown
white
blue
black
Contact assignment:
1
2
3
4


Similar Part No. - 42K1A032

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
42K1A030 CONEC-42K1A030 Datasheet
612Kb / 1P
Female connector Ø8 axial snap
10.10.07
42K1A031 CONEC-42K1A031 Datasheet
612Kb / 1P
Kupplung Ø8 axial schnappbar
10.10.07
42K1A033 CONEC-42K1A033 Datasheet
545Kb / 1P
Female connector M8x1 angled snap
10.10.07
42K1A035 CONEC-42K1A035 Datasheet
257Kb / 1P
Verbindungsleitung M8x1, Kupplung axial - Stecker axial
13.12.07
42K1A036 CONEC-42K1A036 Datasheet
257Kb / 1P
Connecting cable M8x1, female connector axial - male connector axial
13.12.07
More results

Similar Description - 42K1A032

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
690368171072 WURTH-690368171072 Datasheet
352Kb / 7P
WR-MM Female Angled Connector
002.000
690368171272 WURTH-690368171272 Datasheet
351Kb / 7P
WR-MM Female Angled Connector
002.000
690368171872 WURTH-690368171872 Datasheet
351Kb / 7P
WR-MM Female Angled Connector
002.000
690368172272 WURTH-690368172272 Datasheet
351Kb / 7P
WR-MM Female Angled Connector
002.000
690368172472 WURTH-690368172472 Datasheet
351Kb / 7P
WR-MM Female Angled Connector
002.000
690368180672 WURTH-690368180672 Datasheet
355Kb / 7P
WR-MM Female Angled Connector
002.000
690368181272 WURTH-690368181272 Datasheet
355Kb / 7P
WR-MM Female Angled Connector
002.000
690368182472 WURTH-690368182472 Datasheet
355Kb / 7P
WR-MM Female Angled Connector
002.000
690368190472 WURTH-690368190472 Datasheet
357Kb / 7P
WR-MM Female Angled Connector
002.000
690368190872 WURTH-690368190872 Datasheet
357Kb / 7P
WR-MM Female Angled Connector
002.000
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com