Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MA4PK3003 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MA4PK3003
Description  2000 Volt and 3000 Volt PIN Diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4PK3003 Datasheet(HTML) 5 Page - Tyco Electronics

  MA4PK3003 Datasheet HTML 1Page - Tyco Electronics MA4PK3003 Datasheet HTML 2Page - Tyco Electronics MA4PK3003 Datasheet HTML 3Page - Tyco Electronics MA4PK3003 Datasheet HTML 4Page - Tyco Electronics MA4PK3003 Datasheet HTML 5Page - Tyco Electronics MA4PK3003 Datasheet HTML 6Page - Tyco Electronics MA4PK3003 Datasheet HTML 7Page - Tyco Electronics MA4PK3003 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RoHS Compliant
2000 Volt and 3000 Volt
PIN Diodes
MA4PK2000, 3000
KILOVOLT™ Series
V. 6
M/A-COM
Inc. and its affiliates reserve the right to make changes to
the products or information contained herein without notice. M/A-COM
makes no warranty, representation or guarantee regarding the suitabil-
ity of its products for any particular purpose, nor does M/A-COM as-
sume any liability whatsoever arising out of the use or application of
any products or information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit : www.macom.com for additional data sheets and product information.
Case Styles
Black Dot Denotes Cathode
MA4PK2000
CASE STYLE 1027
MA4PK3000
CASE STYLE 1073
DIM
INCHES
MILLIMETERS
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
0.304
0.316
7.72
8.02
0.468
0.485
11.90
12.30
B
0.286
0.292
7.26
7.42
0.387
0.411
9.83
10.40
C
0.245
0.255
6.22
6.48
0.390
0.400
9.90
10.10
D
0.023
0.031
0.58
0.79
0.028
0.042
0.71
1.06
CP = .45pF
LS = 2nH
CP = .75pF
LS = 3nH
Case Styles
Black Dot Denotes Cathode
MA4PK2001
CASE STYLE 1082
MA4PK3001
CASE STYLE 1084
DIM
INCHES
MILLIMETERS
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
0.304
0.316
7.72
8.02
0.468
0.485
11.90
12.30
B
0.286
0.292
7.26
7.42
0.387
0.411
9.83
10.40
C
0.245
0.255
6.22
6.48
0.390
0.400
9.90
10.10
D
0.023
0.031
0.58
0.79
0.028
0.042
0.71
1.06
E
0.060
0.065
1.52
1.65
0.060
0.065
1.52
1.65
F
0.281
0.305
7.14
7.75
0.425
0.445
10.80
11.30
G
0.190
0.205
4.83
5.21
0.190
0.205
4.83
5.21
H
6-40 UNF-3A
10-32 UNF-2A
I
.072 SPLINE X .070 DP
.050 SLOT X .060 DP
CP = .45pF
LS = 2nH
CP = .75pF
LS = 3nH



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com