Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STLD20D-DEF Datasheet(PDF) 20 Page - STMicroelectronics

Part # STLD20D-DEF
Description  White LED power supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD20D-DEF Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STLD20D-DEF Datasheet HTML 16Page - STMicroelectronics STLD20D-DEF Datasheet HTML 17Page - STMicroelectronics STLD20D-DEF Datasheet HTML 18Page - STMicroelectronics STLD20D-DEF Datasheet HTML 19Page - STMicroelectronics STLD20D-DEF Datasheet HTML 20Page - STMicroelectronics STLD20D-DEF Datasheet HTML 21Page - STMicroelectronics STLD20D-DEF Datasheet HTML 22Page - STMicroelectronics STLD20D-DEF Datasheet HTML 23Page - STMicroelectronics STLD20D-DEF Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Analog dimming control
STLD20D
20/31
9
Analog dimming control
Some application are sensitive to low frequency dimming signal; in this case an analog
dimming control technic with a DC voltage Vdim to control the brightness of the LED can be
used with the circuit shown
Figure 22.
The formula below gives the LED current versus the dimming voltage Vdim:
Where:
Vdim: Analog Dimming Voltage
Rdim, Rd1: Resistors of the dimming circuit (see figure 26)
9.1
Minimum dimming current
The PWM control of the STLD20D has a minimum duty cycle DCMIN that limits the dimming
current range. It exists a minimum dimming current ILEDC corresponding to the typical
DCMIN of the control loop.
This minimum dimming current depends on the maximum input voltage and the forward
voltage of the LED and can be estimated by:
I
LED
V
FB
R
dim
R
d1
R
LED
++
() V
dim
R
LED
R
d1
+
()
R
dim
R
LED
--------------------------------------------------------------------------------------------------------------------------------------
19
[]
=
Figure 22.
Analogical dimming schematics
+
-
PWM
R1
C1
STLD20D
C2
R2
Rdim
ILED
Rd1
Vfd
Vref
Ve
Vfd
LDS
GND
RLED
Vdim
I
LEDC
DC
min
V
IN max
()
()
2
2L
typ
F
typ
NV
LED
V
FB
V
IN max
()
+
[]
⋅⋅
-------------------------------------------------------------------------------------------------------------------------- 20
[ ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com