Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CV221-2APCB240 Datasheet(PDF) 4 Page - WJ Communication. Inc.

Part # CV221-2APCB240
Description  1.9 - 2.7 GHz Dual-Branch Downconverter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

CV221-2APCB240 Datasheet(HTML) 4 Page - WJ Communication. Inc.

  CV221-2APCB240 Datasheet HTML 1Page - WJ Communication. Inc. CV221-2APCB240 Datasheet HTML 2Page - WJ Communication. Inc. CV221-2APCB240 Datasheet HTML 3Page - WJ Communication. Inc. CV221-2APCB240 Datasheet HTML 4Page - WJ Communication. Inc. CV221-2APCB240 Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 4 of 5 June 2007
CV221-2A
1.9 – 2.7 GHz Dual-Branch Downconverter
Typical Downconversion Performance Plots
Performance using the circuitry on the CV221-2APCB240 Evaluation Board
Conversion Loss vs RF Frequency vs Temperature
LO = 0 dBm, IF = 240 MHz, low-side LO
5
6
7
8
9
10
1800
1900
2000
2100
2200
2300
RF Frequency (MHz)
-40 °C
+25 °C
+85 °C
Input IP3 vs RF Frequency vs Temperature
LO = 0 dBm, IF = 240 MHz, low-side LO
22
24
26
28
30
32
1800
1900
2000
2100
2200
2300
RF Frequency (MHz)
-40 °C
+25 °C
+85 °C
R-I Isolation vs RF Frequency
5
10
15
20
25
30
1900
1950
2000
2050
2100
2150
2200
RF Frequency (MHz)
-40 °C
+25 °C
+85 °C
L-R Isolation vs LO Frequency
Referenced with LO = 0 dBm
0
5
10
15
20
25
1500
1600
1700
1800
1900
2000
2100
LO Frequency (MHz)
-40 °C
+25 °C
+85 °C
L-I Isolation vs LO Frequency
Referenced with LO = 0 dBm
10
15
20
25
30
35
1500
1600
1700
1800
1900
2000
2100
LO Frequency (MHz)
-40 °C
+25 °C
+85 °C
RF Return Loss vs RF Frequency
IF = 240 MHz, low-side LO at 0 dBm
-25
-20
-15
-10
-5
0
1800
1900
2000
2100
2200
2300
RF Frequency (MHz)
-40 °C
+25 °C
+85 °C
LO Return Loss vs Frequency
-25
-20
-15
-10
-5
0
1500
1600
1700
1800
1900
2000
2100
LO Frequency (MHz)
-40 °C
+25 °C
+85 °C
IF Return Loss vs LO Frequency
IF = 240 MHz, LO = 0 dBm
-25
-20
-15
-10
-5
0
1500
1600
1700
1800
1900
2000
2100
LO Frequency (MHz)
-40 °C
+25 °C
+85 °C
Input P1dB vs RF Frequency
IF = 240 MHz, low-side LO at 0 dBm
4
6
8
10
12
14
1800
1900
2000
2100
2200
2300
RF Frequency (MHz)
-40 °C
+25 °C
+85 °C
Noise Figure vs RF Frequency
IF = 240 MHz, low-side LO at 0 dBm
4
6
8
10
12
14
1900
1950
2000
2050
2100
2150
2200
RF Frequency (MHz)
-40 °C
+25 °C
+85 °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com