| Electronic Components Datasheet Search |
|
PLUS405-55N Datasheet(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PLUS405-55N Datasheet(HTML) 13 Page - NXP Semiconductors |
|
13 / 16 page ![]() PROGRAMMING THE PLUS405: The PLUS405 has a power-up preset feature. This feature insures that the device will power-up in a known state with all register elements (State and Output Register) at logic High (H). When programming the device it is important to realize this is the initial state of the device. You must provide a next state jump if you do not wish to use all Highs (H) as the present state. OPTION CODE L OE OPTION CODE H INITIALIZATION1 INIT (ALWAYS ENABLED) E = 1 INIT/OE INIT = 0 E INIT/OE (INITIALIZATION DISABLED) Philips Semiconductors Programmable Logic Devices Product specification PLUS405-55 Programmable logic sequencer (16 × 64 × 8) October 22, 1993 192 LOGIC PROGRAMMING INITIALIZATION/OE OPTION – (INIT/OE) The PLUS405-55 is fully supported by industry standard (JEDEC compatible) PLD CAD tools, including Philips Semiconductors SNAP design software package. ABEL ™ and CUPL ™ design software packages also support the PLUS405-55 architecture. All packages allow Boolean and state equation entry formats. SNAP, ABEL and CUPL also accept, as input, schematic capture format. PLUS405-55 logic designs can also be generated using the program table entry format, which is detailed on the following pages. This program table entry format is supported by SNAP only. To implement the desired logic functions, each logic variable (I, B, P, S, T, etc.) from the logic equations is assigned a symbol. TRUE, COMPLEMENT, PRESET, RESET, OUTPUT ENABLE, INACTIVE, etc., symbols are defined below. INITIALIZATION OPTION – (INIT) CODE O ACTION INDETERMINATE4 CODE ACTION CODE ACTION PRESET H RESET L CODE – ACTION INDETERMINATE4 INIT P R INIT P R INIT P R INIT P R INIT P R “AND” ARRAY – (I), (P) CODE O STATE INACTIVE1, 2 CODE STATE CODE STATE CODE STATE I, P H I, P L DON’T CARE – Tn i, p I, P Tn I, P Tn I, P Tn I, P Tn I, P i, p i, p i, p i, p i, p i, p i, p Notes are on next page. ABEL is a trademark of Data I/O Corp. CUPL is a trademark of Logical Devices, Inc. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |