Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCDF1065G1 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # PCDF1065G1
Description  Silicon Carbide Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PCDF1065G1 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PCDF1065G1 Datasheet HTML 1Page - Pan Jit International Inc. PCDF1065G1 Datasheet HTML 2Page - Pan Jit International Inc. PCDF1065G1 Datasheet HTML 3Page - Pan Jit International Inc. PCDF1065G1 Datasheet HTML 4Page - Pan Jit International Inc. PCDF1065G1 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PCDF1065G1
November 21,2023
PCDF1065G1-REV.00
Page 3
0
5
10
15
20
25
100
200
300
400
500
600
700
V
R, Reverse Voltage (V)
T
J = 75°C
T
J = 25°C
T
J = 175°C
T
J = 125°C
T
J = -55°C
Fig.2 Reverse Characteristics
Fig.1 Forward Characteristics
TYPICAL CHARACTERISTIC CURVES
Fig.4 Current Derating Curve
Fig.3 Power Derating Curve
Fig.5 Typical Junction Capacitance
Fig.6 Capacitance Stored Energy
0
2
4
6
8
10
12
14
16
18
20
0
0.5
1
1.5
2
2.5
3
V
F, Forward Voltage (V)
T
J = 75°C
T
J = 25°C
T
J = 175°C
T
J = 125°C
T
J = -55°C
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
Case Temperature (oC)
0
5
10
15
20
25
30
25
50
75
100
125
150
175
Case Temperature (oC)
0
100
200
300
400
500
600
0.1
1
10
100
1000
V
R, Reverse Bias Voltage (V)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
0
100
200
300
400
500
600
700
V
R, Reverse Bias Voltage (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com