Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PJRB461F Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJRB461F
Description  SURFACE MOUNT SCHOTTKY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJRB461F Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJRB461F Datasheet HTML 1Page - Pan Jit International Inc. PJRB461F Datasheet HTML 2Page - Pan Jit International Inc. PJRB461F Datasheet HTML 3Page - Pan Jit International Inc. PJRB461F Datasheet HTML 4Page - Pan Jit International Inc. PJRB461F Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
May 17,2016­REV.02
PJRB461F
CHARACTERISTIC CURVES
Fig.1 TYPICAL REVERSE LEAKAGE
Fig.3 TYPICAL TOTAL CAPACITANCE
Forward Voltage, VF(V)
Reverse Voltage , V (V)
R
Fig.2 TYPICAL FORWARD VOLTAGE
Reverse Voltage, V (V)
R
0.01
0.1
1
10
100
1000
10000
0
10
203040
T=125 C
J
O
T=75 C
J
O
T=25 C
J
O
T =-25 C
J
O
0.1
1
10
100
1000
0
0.1
0.2
0.3
0.4
0.5
0.6
T=125 C
J
O
T=75 C
J
O
T=25 C
J
O
T =-25 C
J
O
1
10
100
1000
0
5
10
15
20
25
30
ELECTRICAL CHARACTERISTICS (T
J=25
O
C, unless otherwise noted)
Note (1) : Pulse Test : Pulse Width<300µs,Duty Cycle<2%
R
E
T
E
M
A
R
A
Pl
o
b
m
y
S
t
s
e
T
n
o
it
i
d
n
o
C
.
N
I
M.
P
Y
T.
X
A
Ms
t
i
n
U
e
g
a
tl
o
V
n
w
o
d
k
a
e
B
e
s
r
e
v
e
RV
)
R
B
(
I
R
A
u
0
1
=0
1
-
-
V
t
n
e
r
r
u
C
e
s
r
e
v
e
RI
R
V
R
V
0
2
=-
-
0
0
2A
u
)
1
(
e
g
a
tl
o
V
d
r
a
w
r
o
FV
F
I
F
A
m
0
0
7
=-
5
4
.
0
9
4
.
0
V
0
5
10
15
20
25
30
0
25
50
75
100
125
TJ, Junction Temperature (°C)
Fig.
4 Operating Temperature Derating Curve



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com