Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MASWML0024 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWML0024
Description  SP4T Non-Reflective Miniature Switch TTL Compatible Driver, 0.5 ~ 18.0 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWML0024 Datasheet(HTML) 1 Page - Tyco Electronics

  MASWML0024 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SP4T Non-Reflective Miniature Switch
TTL Compatible Driver, 0.5 ~ 18.0 GHz
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
1
V2
MASWML0024
Features
Broad-Band Frequency Coverage
Miniature Outline
Field Removable Connectors
Hermetically Sealed Housing
High Isolation
TTL Compatible
Fast Switching
Description
The MASWML0024 is a broadband (0.5 – 18GHz)
SP4T Non-reflective switch. It features Low
Insertion loss and High Isolation.
Each output arm is controlled independently,
maximising design-in flexibility. This is provided by
the built-in, high-speed, TTL compatible driver.
The field replaceable connectors allow direct
integration into microstrip applications.
This proven harsh environment design is suitable
for Airborne, Naval & Ground base applications.
Mechanical
5 SMA female RF connections: Field Replaceable
DC connections and TTL controls are supplied
through solder pins.
This
device
is
hermetically
sealed,
with
a
silver-plate finish to Def. Stan. 03-09.
Type
Frequency
(GHz)
I/Loss
Max.
(dB)
Isolation
Min. (dB)
R/Loss
Min.
(dB)
S. Speed
Max. (ns)
I/P
Power
Max.
(mW)
Logic
Power
Supply
Operating
Temp.
°C
Storage
Temp
°C
V
mA
0.5 ~ 17.0
3.6
50
8.52
30
100
Each Channel
‘0’ = Low Loss
‘1’ = Isolation
+5
120
-20 ~ +85
-50 ~ +85
17.0 ~ 18.0
4.0
-5
50
SP4T
Specification at +25 °C
(Applies over the frequency range @ +25 °C, output and input load impedance of 50 ohms. Unless otherwise
stated limits & conditions are indicated values.)
Dimensions in ‘mm’


Similar Part No. - MASWML0024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWML002 MACOM-MASWML002 Datasheet
69Kb / 1P
SPST MMIC Switch with Driver 0.01 to 10.0 GHz
More results

Similar Description - MASWML0024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWML010 MACOM-MASWML010 Datasheet
74Kb / 1P
SPDT Non Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML0011 MACOM-MASWML0011 Datasheet
91Kb / 1P
SPDT MMIC Reflective Miniature Switch TTL Compatible Driver, 0.5 ~ 18.0 GHz
MASWML012 MACOM-MASWML012 Datasheet
71Kb / 1P
SPDT Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML013 MACOM-MASWML013 Datasheet
73Kb / 1P
SPDT Reflective Switch with TTL Compatible Driver, 6.4 to 18.0 GHz
MASWML023 MACOM-MASWML023 Datasheet
75Kb / 1P
SP3T Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML025 MACOM-MASWML025 Datasheet
79Kb / 1P
SP4T Reflective Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML026 MACOM-MASWML026 Datasheet
80Kb / 1P
SP5T Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML028 MACOM-MASWML028 Datasheet
77Kb / 1P
SP6T Reflective Switch with TTL Compatible Driver, 0.85 to 18.0 GHz
logo
API Technologies Corp
MASWML0010 APITECH-MASWML0010 Datasheet
162Kb / 2P
SPDT Non-Reflective Miniature Switch TTL Compatible Driver, 0.5 - 18.0 GHz
MASWML0012 APITECH-MASWML0012 Datasheet
162Kb / 2P
SPDT Reflective Miniature Switch TTL Compatible Driver, 0.5 - 18.0 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com