Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NEFM-REG6-K-0.5-R3G8 Datasheet(PDF) 1 Page - Festo Corporation.

Part # NEFM-REG6-K-0.5-R3G8
Description  Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

NEFM-REG6-K-0.5-R3G8 Datasheet(HTML) 1 Page - Festo Corporation.

  NEFM-REG6-K-0.5-R3G8 Datasheet HTML 1Page - Festo Corporation. NEFM-REG6-K-0.5-R3G8 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Adapter
NEFM-REG6-K-0.5-R3G8
Part number: 8097197
General operating condition
Data sheet
Feature
Value
Product weight
56 g
Electrical connection 1, function
Field device end
Electrical connection 1, design
Rectangular
Electrical connection 1, connection type
Socket
Electrical connection 1, cable outlet
Straight
Electrical connection 1, connection technology
Connection diagram RE
Electrical connection 1, number of pins/wires
6
Electrical connection 1, occupied pins/wires
6
Electrical connection for input 1, connection pattern
00995793
Electrical connection 2, function
Control side
Electrical connection 2, design
Rectangular
Electrical connection 2, connection type
Plug
Electrical connection 2, cable outlet
Straight
Electrical connection 2, connection technology
RJ45
Electrical connection 2, number of pins/wires
8
Electrical connection 2, occupied pins/wires
6
Electrical connection 2, connection pattern
00995653
DC operating voltage range
0 V ... 30 V
Operating voltage range AC
0 V ... 30 V
Current rating at 40° C
1.6 A
Surge resistance
2 kV
Shield
yes
Cable length
0.5 m
Cable characteristic
Standard
Connector cable test conditions
Test conditions on request
Bending radius, fixed cable installation
≥68 mm
Cable diameter
6.8 mm
Cable design
4 x (2 x 0.081 mm²) + 1 x (2 x 0.205 mm²)
Nominal conductor cross section
0.081 mm²
Nominal conductor cross section
AWG24
AWG28
Degree of protection
IP20
Note on degree of protection
In mounted state
Ambient temperature
-40 °C ... 80 °C
CE marking (see declaration of conformity)
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK RoHS instructions
6/11/24 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - NEFM-REG6-K-0.5-R3G8

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
NEFM-REG6-K-0.5-B-R3G8 FESTO-NEFM-REG6-K-0.5-B-R3G8 Datasheet
92Kb / 2P
8097195
NEFM-REG6-K-0.5-B-REG6 FESTO-NEFM-REG6-K-0.5-B-REG6 Datasheet
89Kb / 2P
Adapter
More results

Similar Description - NEFM-REG6-K-0.5-R3G8

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
759-840-32-36-181 GLENAIR-759-840-32-36-181 Datasheet
55Kb / 2P
Adapter to Adapter
logo
JFW Industries, Inc.
115-004 JFW-115-004 Datasheet
25Kb / 1P
ADAPTER
115-008 JFW-115-008 Datasheet
25Kb / 1P
ADAPTER
logo
Winchester Electronics ...
SDKA-99-25 WINCHESTER-SDKA-99-25 Datasheet
50Kb / 1P
ADAPTER
logo
PHOENIX CONTACT
2902776 PHOENIX-2902776 Datasheet
83Kb / 6P
Adapter - EM SWD-ADAPTER
2702544 PHOENIX-2702544 Datasheet
50Kb / 1P
Adapter - FL M32 ADAPTER
logo
Mini-Circuits
10F-10F+ MINI-10F-10F+ Datasheet
264Kb / 3P
Adapter
REV. OR
10F-10M+ MINI-10F-10M+ Datasheet
289Kb / 3P
Adapter
REV. OR
10M-10M+ MINI-10M-10M+ Datasheet
263Kb / 3P
Adapter
REV. OR
KF-SF50+ MINI-KF-SF50+ Datasheet
321Kb / 4P
Adapter
REV. OR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com