Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBM29PL32TM90 Datasheet(PDF) 22 Page - SPANSION

Part # MBM29PL32TM90
Description  FLASH MEMORY CMOS 32 M (4M X 8/2M X 16) BIT MirrorFlash
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL32TM90 Datasheet(HTML) 22 Page - SPANSION

Back Button MBM29PL32TM90 Datasheet HTML 18Page - SPANSION MBM29PL32TM90 Datasheet HTML 19Page - SPANSION MBM29PL32TM90 Datasheet HTML 20Page - SPANSION MBM29PL32TM90 Datasheet HTML 21Page - SPANSION MBM29PL32TM90 Datasheet HTML 22Page - SPANSION MBM29PL32TM90 Datasheet HTML 23Page - SPANSION MBM29PL32TM90 Datasheet HTML 24Page - SPANSION MBM29PL32TM90 Datasheet HTML 25Page - SPANSION MBM29PL32TM90 Datasheet HTML 26Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
MBM29PL32TM/BM90/10
22
s FUNCTIONAL DESCRIPTION
Standby Mode
There are two ways to implement the standby mode on the device, one using both the CE and RESET pins, and
the other via the RESET pin only.
When using both pins, CMOS standby mode is achieved with CE and RESET input held at VCC
±0.3 V. Under
this condition the current consumed is less than 5 µA Max. During Embedded Algorithm operation, VCC active
current (ICC2) is required even when CE = “H”. The device can be read with standard access time (tCE) from either
of these standby modes.
When using the RESET pin only, CMOS standby mode is achieved with RESET input held at VSS
±0.3 V (CE =
“H” or “L”) . Under this condition the current consumed is less than 5 µA Max. Once the RESET pin is set high,
the device requires tRH as a wake-up time for output to be valid for read access.
During standby mode, the output is in the high impedance state, regardless of OE input.
Automatic Sleep Mode
Automatic sleep mode works to restrain power consumption during read-out of device data. It can be useful in
applications such as handy terminal, which requires low power consumption.
To activate this mode, the device automatically switch themselves to low power mode when the device addresses
remain stable after tACC
+ 30 ns from data valid. It is not necessary to control CE, WE, and OE in this mode. The
current consumed is typically 1
µA (CMOS Level).
Since the data are latched during this mode, the data are continuously read out. When the addresses are
changed, the mode is automatically canceled and the device read-out the data for changed addresses.
Autoselect
The Autoselect mode allows reading out of a binary code and identifies its manufacturer and type.It is intended
for use by programming equipment for the purpose of automatically matching the device to be programmed with
its corresponding programming algorithm.
To activate this mode, the programming equipment must force VID on address pin A9. Two identifier bytes may
then be sequenced from the devices outputs by toggling A0. All addresses can be either High or Low except A6,
A3,A2,A1 and A0. See “MBM29PL32TM/BM User Bus Operations (Word Mode : BYTE = VIH)” and
“MBM29PL32TM/BM User Bus Operations (Byte Mode : BYTE = VIL)” in sDEVICE BUS OPERATION.
The manufacturer and device codes may also be read via the command register, for instances when the device
is erased or programmed in a system without access to high voltage on the A9 pin. The command sequence is
illustrated in “MBM29PL32TM/BM Standard Command Definitions” in sDEVICE BUS OPERATION.Refer to
Autoselect Command section.
In Word mode, a read cycle from address 00h returns the manufacturer’s code (Fujitsu = 04h) . A read cycle at
address 01h outputs device code. When 227Eh is output, it indicates that two additional codes, called Extended
Device Codes will be required. Therefore the system may continue reading out these Extended Device Codes
at addresses of 0Eh and 0Fh. Notice that the above applies to Word mode. The addresses and codes differ from
those of Byte mode. Refer to “Sector Group Protection Verify Autoselect Codes” in sDEVICE BUS OPERATION.
Read Mode
The device has two control functions required to obtain data at the outputs. CE is the power control and used
for a device selection. OE is the output control and used to gate data to the output pins.
Address access time (tACC) is equal to the delay from stable addresses to valid output data. The chip enable
access time (tCE) is the delay from stable addresses and stable CE to valid data at the output pins. The output
enable access time is the delay from the falling edge of OE to valid data at the output pins. (Assuming the
addresses have been stable for at least tACC-tOE time.) When reading out a data without changing addresses after
power-up, input hardware reset or to change CE pin from “H” or “L”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com