Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBM29PL65LM-90 Datasheet(PDF) 49 Page - SPANSION

Part # MBM29PL65LM-90
Description  FLASH MEMORY CMOS 64 M (4M X 16) BIT MirrorFlashTM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL65LM-90 Datasheet(HTML) 49 Page - SPANSION

Back Button MBM29PL65LM-90 Datasheet HTML 45Page - SPANSION MBM29PL65LM-90 Datasheet HTML 46Page - SPANSION MBM29PL65LM-90 Datasheet HTML 47Page - SPANSION MBM29PL65LM-90 Datasheet HTML 48Page - SPANSION MBM29PL65LM-90 Datasheet HTML 49Page - SPANSION MBM29PL65LM-90 Datasheet HTML 50Page - SPANSION MBM29PL65LM-90 Datasheet HTML 51Page - SPANSION MBM29PL65LM-90 Datasheet HTML 52Page - SPANSION MBM29PL65LM-90 Datasheet HTML 53Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
MBM29PL65LM-90/10
49
(4) Toggle Bit Algorithm
DQ6
= Toggle?
DQ5
= 1?
Read DQ7 to DQ0
Addr.
= "H" or "L"
Read DQ7 to DQ0
Addr.
= "H" or "L"
Read DQ7 to DQ0
Addr.
= "H" or "L"
Start
No
No
Yes
Yes
*1
*1, *2
DQ6
= Toggle?
No
Yes
Program/Erase
Operation Not
Complete.Write
Reset Command
Program/Erase
Operation
Complete
Read DQ7 to DQ0
Addr.
= "H" or "L"
*1, *2
Wait 4 s after
issuing Program
command
*1 : Read Toggle bit twice to determine whether it is toggling.
*2 : Recheck Toggle bit because it may stop toggling as DQ5 changes to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com