Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRF7328 Datasheet(PDF) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7328
Description  Dual P-Channel 30 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF7328 Datasheet(HTML) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF7328 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7328 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7328 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7328 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7328 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7328 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7328 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7328 Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
––– -1.2
V
TJ = 25°C, IS = -2.0A, VGS = 0V
‚
trr
Reverse Recovery Time
–––
37
56
ns
TJ = 25°C, IF = -2.0A
Qrr
Reverse Recovery Charge
–––
36
54
nC
di/dt = -100A/µs
‚
Source-Drain Ratings and Characteristics
––– –––
––– –––
-32
-2.0
A
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-30
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– -0.018 –––
V/°C Reference to 25°C, ID = -1mA
–––
17
21
VGS = -10V, ID = -8.0A
‚
––– 26.8
32
VGS = -4.5V, ID = -6.8A
‚
VGS(th)
Gate Threshold Voltage
-1.0 ––– -2.5
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
12
–––
–––
S
VDS = -10V, ID = -8.0A
––– –––
-15
VDS = -24V, VGS = 0V
––– –––
-25
VDS = -24V, VGS = 0V, TJ = 70°C
Gate-to-Source Forward Leakage
––– ––– -100
VGS = -20V
Gate-to-Source Reverse Leakage
––– –––
100
VGS = 20V
Qg
Total Gate Charge
–––
52
78
ID = -8.0A
Qgs
Gate-to-Source Charge
–––
9.8
–––
nC
VDS = -15V
Qgd
Gate-to-Drain ("Miller") Charge
–––
8.3
–––
VGS = -10V
td(on)
Turn-On Delay Time
–––
13
20
VDD = -15V, VGS = -10.0V
tr
Rise Time
–––
15
23
ID = -1.0A
td(off)
Turn-Off Delay Time
––– 198
297
RG = 6.0
Ω
tf
Fall Time
–––
98
147
RD = 15
Ω
‚
Ciss
Input Capacitance
––– 2675 –––
VGS = 0V
Coss
Output Capacitance
––– 409
–––
pF
VDS = -25V
Crss
Reverse Transfer Capacitance
––– 262
–––
ƒ = 1.0MHz
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
m
Ω
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Pulse width ≤ 400µs; duty cycle ≤ 2%.
ƒ Surface mounted on FR-4 board, t ≤ 10sec.
Rev:2023A2
2
S
D
G
IRF7328
Dual P-Channel 30 V (D-S) MOSFET



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com