Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KT-2520SE9ZS-RV Datasheet(PDF) 1 Page - Kingbright Corporation

Part # KT-2520SE9ZS-RV
Description  2.5X2.0mm SURFACE MOUNT LED LAMP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KT-2520SE9ZS-RV Datasheet(HTML) 1 Page - Kingbright Corporation

  KT-2520SE9ZS-RV Datasheet HTML 1Page - Kingbright Corporation KT-2520SE9ZS-RV Datasheet HTML 2Page - Kingbright Corporation KT-2520SE9ZS-RV Datasheet HTML 3Page - Kingbright Corporation KT-2520SE9ZS-RV Datasheet HTML 4Page - Kingbright Corporation KT-2520SE9ZS-RV Datasheet HTML 5Page - Kingbright Corporation KT-2520SE9ZS-RV Datasheet HTML 6Page - Kingbright Corporation KT-2520SE9ZS-RV Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPEC NO: DSAI6629
REV NO: V.3
DATE: OCT/29/2008
PAGE: 1 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: S.P.Chen
ERP: 1212000004
2.5X2.0mm SURFACE MOUNT LED LAMP
PRELIMINARY SPEC
Part Number: KT-2520SE9ZS-RV
Reddish-Orange
Features
Dimension: 2.5mmx 2.0mm x 0.8mm.
Low thermal resistance.
Ceramic package with silicone resin.
Small package with high efficiency.
Surface mount technology.
ESD protection.
Package : 2000pcs / reel.
Moisture sensitivity level : level 2a.
Soldering methods: IR reflow soldering.
RoHS compliant.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
Typical Applications
PDAs
Room lighting
Architectural lighting
Decorative/pathway lighting
Front panel backlight
Exterior automotive lighting:
(brake lights, turn lights, backlighting)
yali
n
數位簽署者:yalin
DN:cn=yalin, o,
ou=SPEC 專用,
email=sjhou@cn.
kingbright.com,
c=<無>
日期︰2008.10.30
19:18:58 +08'00'


Similar Part No. - KT-2520SE9ZS-RV

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KT-2520SY9ZS KINGBRIGHT-KT-2520SY9ZS Datasheet
336Kb / 7P
2.5X2.0mm SURFACE MOUNT LED LAMP
V.3 OCT/29/2008
KT-2520SY9ZS-RV KINGBRIGHT-KT-2520SY9ZS-RV Datasheet
336Kb / 7P
2.5X2.0mm SURFACE MOUNT LED LAMP
V.3 OCT/29/2008
More results

Similar Description - KT-2520SE9ZS-RV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP670C-2 FAIRCHILD-QTLP670C-2 Datasheet
155Kb / 7P
SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AM23ESGW KINGBRIGHT-AM23ESGW Datasheet
324Kb / 6P
SURFACE MOUNT LED LAMP
AM23SGD-F KINGBRIGHT-AM23SGD-F Datasheet
278Kb / 5P
SURFACE MOUNT LED LAMP
AM23SYC-F KINGBRIGHT-AM23SYC-F Datasheet
279Kb / 5P
SURFACE MOUNT LED LAMP
AM23YD-F KINGBRIGHT-AM23YD-F Datasheet
280Kb / 5P
SURFACE MOUNT LED LAMP
KM-23ESGW KINGBRIGHT-KM-23ESGW Datasheet
156Kb / 5P
SURFACE MOUNT LED LAMP
AT2520QW10ZS KINGBRIGHT-AT2520QW10ZS Datasheet
270Kb / 8P
2.5X2.0mm SURFACE MOUNT LED LAMP
logo
Fairchild Semiconductor
QTLP600CRGBTR FAIRCHILD-QTLP600CRGBTR Datasheet
142Kb / 8P
SURFACE MOUNT LED LAMP
QTLP600CRTR FAIRCHILD-QTLP600CRTR Datasheet
142Kb / 8P
SURFACE MOUNT LED LAMP
QTLP670C7TR FAIRCHILD-QTLP670C7TR Datasheet
160Kb / 7P
SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com