Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WP934RS/YD Datasheet(PDF) 1 Page - Kingbright Corporation

Part # WP934RS/YD
Description  T-1 (3mm) RIGHT ANGLE LED INDICATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP934RS/YD Datasheet(HTML) 1 Page - Kingbright Corporation

  WP934RS/YD Datasheet HTML 1Page - Kingbright Corporation WP934RS/YD Datasheet HTML 2Page - Kingbright Corporation WP934RS/YD Datasheet HTML 3Page - Kingbright Corporation WP934RS/YD Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAF1862
REV NO: V.2
DATE: MAY/19/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1102003360
T-1 (3mm) RIGHT ANGLE LED INDICATOR
Part Number: WP934RS/YD
Yellow
Features
PRE-TRIMMED LEADS FOR PC MOUNTING.
I.C. COMPATIBLE.
PILLARS ARE DESIGNED FOR POSITIONING THE
HOUSING ON P.C. BOARD.
BLACK CASE ENHANCES CONTRAST RATIO.
WIDE VIEWING ANGLE.
HIGH RELIABILITY LIFE MEASURED IN YEARS.
UL RATING : 94V-0.
HOUSING MATERIAL: TYPE 66 NYLON.
RoHS COMPLIANT.
Description
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.


Similar Part No. - WP934RS/YD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP934RS/GD KINGBRIGHT-WP934RS/GD Datasheet
252Kb / 4P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP934RS/ID KINGBRIGHT-WP934RS/ID Datasheet
253Kb / 4P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP934RS/SRD KINGBRIGHT-WP934RS/SRD Datasheet
253Kb / 4P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
More results

Similar Description - WP934RS/YD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP93A8EWP-GDTG0L KINGBRIGHT-WP93A8EWP-GDTG0L Datasheet
174Kb / 5P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP93A8EWP-IDTG0L KINGBRIGHT-WP93A8EWP-IDTG0L Datasheet
173Kb / 5P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP130WDT-EGW KINGBRIGHT-WP130WDT-EGW Datasheet
299Kb / 5P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP130WDT-EYW KINGBRIGHT-WP130WDT-EYW Datasheet
300Kb / 5P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP934CB-YD KINGBRIGHT-WP934CB-YD Datasheet
77Kb / 3P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP934EW-SRD KINGBRIGHT-WP934EW-SRD Datasheet
251Kb / 4P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP934RS-SRD KINGBRIGHT-WP934RS-SRD Datasheet
253Kb / 4P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP934ZH-YD KINGBRIGHT-WP934ZH-YD Datasheet
260Kb / 4P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP93A8EWP KINGBRIGHT-WP93A8EWP Datasheet
256Kb / 7P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP934TV-4LID KINGBRIGHT-WP934TV-4LID Datasheet
322Kb / 5P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com