Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KF15 Datasheet(PDF) 20 Page - STMicroelectronics

Part # KF15
Description  Very low drop voltage regulators with inhibit
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KF15 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button KF15 Datasheet HTML 14Page - STMicroelectronics KF15 Datasheet HTML 15Page - STMicroelectronics KF15 Datasheet HTML 16Page - STMicroelectronics KF15 Datasheet HTML 17Page - STMicroelectronics KF15 Datasheet HTML 18Page - STMicroelectronics KF15 Datasheet HTML 19Page - STMicroelectronics KF15 Datasheet HTML 20Page - STMicroelectronics KF15 Datasheet HTML 21Page - STMicroelectronics KF15 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Order code
KF00 series
20/22
6
Order code
Table 12.
Order code
Part numbers
Packages
Output voltage
SO-8 (T&R)
DPAK (T&R)
KF15
KF15BD-TR
KF15BDT-TR
1.5 V
KF25
KF25BD-TR
KF25BDT-TR
2.5 V
KF30
KF30BD-TR
3 V
KF33
KF33BD-TR
KF33BDT-TR
3.3 V
KF40
KF40BD-TR
KF40BDT-TR
4 V
KF50
KF50BD-TR
KF50BDT-TR
5 V
KF52
KF52BD-TR
5.2 V
KF60
KF60BD-TR
6 V
KF80
KF80BD-TR
KF80BDT-TR
8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com