Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BL20-2AI-U-10/0...+10VDC Datasheet(PDF) 2 Page - Turck, Inc.

Part # BL20-2AI-U-10/0...+10VDC
Description  BL20 electronic module 2 Analog Inputs for Voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

BL20-2AI-U-10/0...+10VDC Datasheet(HTML) 2 Page - Turck, Inc.

  BL20-2AI-U-10/0...+10VDC Datasheet HTML 1Page - Turck, Inc. BL20-2AI-U-10/0...+10VDC Datasheet HTML 2Page - Turck, Inc. BL20-2AI-U-10/0...+10VDC Datasheet HTML 3Page - Turck, Inc. BL20-2AI-U-10/0...+10VDC Datasheet HTML 4Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com2 / 4
Dimensions (W x L x H)
12.6 x 74.1 x 55.4 mm
Approvals
CE, cULus, zone 2, Class I, Div. 2
Ambient temperature
0…+55 °C
Storage temperature
-25…+85 °C
Relative humidity
15…95 %, no condensation allowed
Vibration test
Acc. to EN 61131
Shock test
Acc. to IEC 60068-2-27
Drop and topple
acc. to IEC 68-2-31 and free fall to IEC 68-2-32
Electromagnetic compatibility
Acc. to EN 50082-2
Protection class
IP20
MTTF
612 years acc. to SN 29500 (Ed. 99) 20 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com