Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPX-AP-A-4IOL-M12 Datasheet(PDF) 2 Page - Festo Corporation.

Part # CPX-AP-A-4IOL-M12
Description  IO-Link master
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

CPX-AP-A-4IOL-M12 Datasheet(HTML) 2 Page - Festo Corporation.

  CPX-AP-A-4IOL-M12 Datasheet HTML 1Page - Festo Corporation. CPX-AP-A-4IOL-M12 Datasheet HTML 2Page - Festo Corporation. CPX-AP-A-4IOL-M12 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Feature
Value
Material of screws
Steel, nickel-plated
O-ring material
FPM
Diagnostics via LED
Diagnostics per channel
Diagnostics per module
Load power supply
Status per channel
Status per module
Diagnose per internal communication
IO-Link® event
Short circuit/overload in sensor supply
Electronics/sensors overvoltage
Load overvoltage
Electronics/sensors undervoltage
Load undervoltage
Max. address capacity inputs
33 byte
Max. address capacity outputs
33 byte
Module parameters
Configuration of voltage monitoring, load supply PL
Channel parameters
Activation of diagnostics for IO-Link Device Lost
Port mode
Target DeviceID
Target VendorID
Target cycle time
Internal cycle time
< 1 ms
Configuration support
IODD file
Communication interface, protocol
AP
Note regarding operating voltage
SELV/PELV fixed power supplies required
Note voltage drop
Note on nominal operating voltage DC
Protected Extra-Low-Voltage as per IEC 60204-1
Nominal operating voltage DC load
24 V
Permissible voltage fluctuations load
± 25 %
Nominal operating voltage DC for electronics/sensors
24 V
Permissible voltage fluctuations for electronics/sensors
± 25 %
Intrinsic current consumption at nominal operating voltage for
electronics/sensors
Typically 40 mA
Intrinsic current consumption at nominal operating voltage load
Typically 4 mA
Power failure buffering
10 ms
Potential separation between the supply voltages electronics/sensor
technology and load/valves
yes
Reverse polarity protection
yes
Fuse protection inputs (short circuit)
Internal electronic fuse per module
Max. residual current of inputs per module
2 A
Behavior after end of overload of the outputs
No automatic return
Max. residual current of outputs per module
4 A
Electrical isolation of outputs between channel - internal communication yes
Max. power supply per channel
2.1 A (50 W lamp load), per channel pair
Electrical IO-Link® connection, connection type
4x socket
Electrical connection, IO-Link®, connection technology
M12x1, A-coded as per EN 61076-2-101
Electrical IO-Link® connection, number of pins/wires
5
Electric IO-Link® connection, connection pattern
00995384
IO-Link®, communication
C/Q LED green
IO-Link®, number of ports
4
IO-Link®, port class
B
IO-Link®, protocol version
Master V 1.1
IO-Link®, SIO mode support
Yes
IO-Link®, communication mode
Configurable via software
SIO, COM1 (4.8 kBd), COM2 (38.4 kBd), COM3 (230.4 kBd)
IO-Link®, process data width OUT
8–128 bytes parameterizable
IO-Link®, process data width IN
12–132 bytes parameterizable
6/11/24 - Subject to change - Festo SE & Co. KG
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com